Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLLD4901NFTWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTLLD4901NFTWG
Description  Dual N-Channel Power MOSFET with Integrated Schottky
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLLD4901NFTWG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NTLLD4901NFTWG Datasheet HTML 2Page - ON Semiconductor NTLLD4901NFTWG Datasheet HTML 3Page - ON Semiconductor NTLLD4901NFTWG Datasheet HTML 4Page - ON Semiconductor NTLLD4901NFTWG Datasheet HTML 5Page - ON Semiconductor NTLLD4901NFTWG Datasheet HTML 6Page - ON Semiconductor NTLLD4901NFTWG Datasheet HTML 7Page - ON Semiconductor NTLLD4901NFTWG Datasheet HTML 8Page - ON Semiconductor NTLLD4901NFTWG Datasheet HTML 9Page - ON Semiconductor NTLLD4901NFTWG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NTLLD4901NF
http://onsemi.com
6
TYPICAL CHARACTERISTICS − Q1
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
5
4
3
2
1
0
0
10
20
25
5
4.0
3.0
2.0
1.5
1.0
0
5
10
25
Figure 3. On−Resistance vs. Gate−to−Source
Resistance
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
9
810
7
6
5
4
2
10
20
25
30
40
45
55
30
25
20
10
5
0
13
14
15
17
20
22
23
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
125
100
75
50
25
0
−25
−50
0.5
1.2
1.4
1.6
1.7
30
25
20
15
10
0
1E−11
1E−10
15
VGS = 2.2 V
3.0 V
3.2 V
2.8 V
7.5 V
10 V
TJ = 25°C
VDS = 5 V
TJ = 125°C
TJ = −55°C
15
20
15
35
50
ID = 10 A
15
19
T = 25°C
VGS = 4.5 V
VGS = 10 V
150
ID = 9 A
VGS = 10 V
0.8
1.0
TJ = 125°C
TJ = 150°C
3
5
3.4 V
3.6 V
3.8 V
2.6 V
2.4 V
4.5 V thru 4 V
2.5
3.5
30
16
18
21
1.1
1.3
1.5
0.7
0.9
0.6
TJ = 25°C
1E−09
1E−08
1E−07
1E−06
1E−05


Similar Part No. - NTLLD4901NFTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLLD4951NF ONSEMI-NTLLD4951NF Datasheet
155Kb / 12P
   Dual N-Channel Power MOSFET
October, 2013 ??Rev. 0
NTLLD4951NFTWG ONSEMI-NTLLD4951NFTWG Datasheet
155Kb / 12P
   Dual N-Channel Power MOSFET
October, 2013 ??Rev. 0
More results

Similar Description - NTLLD4901NFTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD4902NFT1G ONSEMI-NTMFD4902NFT1G Datasheet
167Kb / 10P
   Dual N-Channel Power MOSFET with Integrated Schottky
May, 2012 ??Rev. 2
NTMFD4902NFT1G ONSEMI-NTMFD4902NFT1G Datasheet
167Kb / 10P
   Dual N-Channel Power MOSFET with Integrated Schottky
May, 2012 ??Rev. 2
NTMFD4902NFT3G ONSEMI-NTMFD4902NFT3G Datasheet
106Kb / 10P
   Dual N-Channel Power MOSFET with Integrated Schottky
June, 2014 ??Rev. 3
NTMFD4901NF ONSEMI-NTMFD4901NF Datasheet
160Kb / 12P
   Dual N-Channel Power MOSFET with Integrated Schottky
May, 2012 ??Rev. 3
NTMFD4901NFT3G ONSEMI-NTMFD4901NFT3G Datasheet
113Kb / 12P
   Dual N-Channel Power MOSFET with Integrated Schottky
June, 2014 ??Rev. 6
logo
ELM Technology Corporat...
ELM14900AA-N ELM-TECH-ELM14900AA-N Datasheet
116Kb / 5P
   Dual N-channel MOSFET with schottky diode
logo
ELM Electronics
ELM341503A-N ELM-ELM341503A-N Datasheet
1Mb / 7P
   Dual N-channel MOSFET with schottky diode
logo
ELM Technology Corporat...
ELM14906AA-N ELM-TECH-ELM14906AA-N Datasheet
115Kb / 5P
   Dual N-channel MOSFET with schottky diode
ELM14914AA-N ELM-TECH-ELM14914AA-N Datasheet
145Kb / 7P
   Dual N-channel MOSFET with schottky diode
ELM14918AA-N ELM-TECH-ELM14918AA-N Datasheet
139Kb / 7P
   Dual N-channel MOSFET with schottky diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com