Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7VQ572M Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB7VQ572M
Description  1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7VQ572M Datasheet(HTML) 3 Page - ON Semiconductor

  NB7VQ572M Datasheet HTML 1Page - ON Semiconductor NB7VQ572M Datasheet HTML 2Page - ON Semiconductor NB7VQ572M Datasheet HTML 3Page - ON Semiconductor NB7VQ572M Datasheet HTML 4Page - ON Semiconductor NB7VQ572M Datasheet HTML 5Page - ON Semiconductor NB7VQ572M Datasheet HTML 6Page - ON Semiconductor NB7VQ572M Datasheet HTML 7Page - ON Semiconductor NB7VQ572M Datasheet HTML 8Page - ON Semiconductor NB7VQ572M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NB7VQ572M
http://onsemi.com
3
Table 2. PIN DESCRIPTION
Pin Number
Pin Name
I/O
Pin Description
1, 4
5, 8
25, 28
29, 32
IN0, IN0
IN1, IN1
IN2, IN2
IN3, IN3
LVPECL, CML,
LVDS Input
Noninverted, Inverted, Differential Clock or Data Inputs
2, 6
26, 30
VT0, VT1
VT2, VT3
Internal 100 W Center−tapped Termination Pin for INx / INx
15
18
SEL0
SEL1
LVTTL/LVCMOS
Input
Input Select pins, default HIGH when left open through a 94 kW pullup resistor. Input
logic threshold is VCC/2. See Select Function, Table 1.
14, 19
NC
No Connect
10, 13, 16
17, 20, 23
VCC
Positive Supply Voltage.
11, 12
21, 22
Q0, Q0
Q1, Q1
CML Output
Inverted, Non−inverted Differential Outputs.
9, 24
GND
Negative Supply Voltage
3
7
27
31
VREFAC0
VREFAC1
VREFAC2
VREFAC3
Output Voltage Reference for Capacitor−Coupled Inputs
EP
The Exposed Pad (EP) on the QFN−32 package bottom is thermally connected to the
die for improved heat transfer out of package. The exposed pad must be attached to
a heat−sinking conduit. The pad is electrically connected to the die, and must be
electrically connected to GND.
1. In the differential configuration when the input termination pins (VT0, VT1, VT2, VT3) are connected to a common termination voltage or left
open, and if no signal is applied on INx/INx input, then the device will be susceptible to self−oscillation.
2. All VCC, and GND pins must be externally connected to a power supply for proper operation.


Similar Part No. - NB7VQ572M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7VQ58MMNG ONSEMI-NB7VQ58MMNG Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7VQ58MMNHTBG ONSEMI-NB7VQ58MMNHTBG Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7VQ58MMNTXG ONSEMI-NB7VQ58MMNTXG Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
More results

Similar Description - NB7VQ572M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7V586M ONSEMI-NB7V586M Datasheet
139Kb / 8P
   1.8V Differential 2:1 Mux Input to 1.2V/1.8V 1:6 CML Clock/Data Fanout Buffer / Translator
September, 2008 ??Rev. 0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com