Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7VQ572M Datasheet(PDF) 9 Page - ON Semiconductor

Part # NB7VQ572M
Description  1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7VQ572M Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NB7VQ572M Datasheet HTML 3Page - ON Semiconductor NB7VQ572M Datasheet HTML 4Page - ON Semiconductor NB7VQ572M Datasheet HTML 5Page - ON Semiconductor NB7VQ572M Datasheet HTML 6Page - ON Semiconductor NB7VQ572M Datasheet HTML 7Page - ON Semiconductor NB7VQ572M Datasheet HTML 8Page - ON Semiconductor NB7VQ572M Datasheet HTML 9Page - ON Semiconductor NB7VQ572M Datasheet HTML 10Page - ON Semiconductor NB7VQ572M Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NB7VQ572M
http://onsemi.com
9
VCC
LVPECL
Driver
IN
50 W
Zo = 50 W
Zo = 50 W
50 W
IN
NB7VQ572M
VCC
VCC
CML
Driver
IN
50 W
Zo = 50 W
Zo = 50 W
50 W
IN
VCC
VT = VCC
Figure 14. LVPECL Interface
Figure 15. LVDS Interface
VT = VCC − 2
Figure 16. Standard 50 W Load CML Interface
VCC
LVDS
Driver
IN
50 W
Zo = 50 W
Zo = 50 W
50 W
IN
VCC
VT = OPEN
GND
GND
GND
GND
GND
GND
VCC
Differential
Driver
IN
50 W
Zo = 50 W
Zo = 50 W
50 W
IN
VCC
VT = VREFAC*
Figure 17. Capacitor−Coupled Differential
Interface (VT Connected to VREFAC)
GND
GND
*VREFAC bypassed to ground with a 0.01 mF capacitor.
CLKx
CLKx
NB7VQ572M
NB7VQ572M
NB7VQ572M
Figure 18. Typical CML Output Structure and Termination
VCC
50 W
50 W
16 mA
50 W
50 W
VCC (Receiver)
GND
Q
Q
NB7VQ572M
RECEIVER


Similar Part No. - NB7VQ572M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7VQ58MMNG ONSEMI-NB7VQ58MMNG Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7VQ58MMNHTBG ONSEMI-NB7VQ58MMNHTBG Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7VQ58MMNTXG ONSEMI-NB7VQ58MMNTXG Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
More results

Similar Description - NB7VQ572M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572 ONSEMI-NB6LQ572 Datasheet
187Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2009 ??Rev. 0
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7V586M ONSEMI-NB7V586M Datasheet
139Kb / 8P
   1.8V Differential 2:1 Mux Input to 1.2V/1.8V 1:6 CML Clock/Data Fanout Buffer / Translator
September, 2008 ??Rev. 0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com