Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWS124.5Q48PMHL1C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # UWS124.5Q48PMHL1C
Description  Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

UWS124.5Q48PMHL1C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  UWS124.5Q48PMHL1C Datasheet HTML 1Page - Murata Power Solutions Inc. UWS124.5Q48PMHL1C Datasheet HTML 2Page - Murata Power Solutions Inc. UWS124.5Q48PMHL1C Datasheet HTML 3Page - Murata Power Solutions Inc. UWS124.5Q48PMHL1C Datasheet HTML 4Page - Murata Power Solutions Inc. UWS124.5Q48PMHL1C Datasheet HTML 5Page - Murata Power Solutions Inc. UWS124.5Q48PMHL1C Datasheet HTML 6Page - Murata Power Solutions Inc. UWS124.5Q48PMHL1C Datasheet HTML 7Page - Murata Power Solutions Inc. UWS124.5Q48PMHL1C Datasheet HTML 8Page - Murata Power Solutions Inc. UWS124.5Q48PMHL1C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.murata-ps.com/support
UWS Series
Sixteenth-brick DOSA-Compatible,
Wide Input Isolated DC/DC Converters
MDC_UWS Series.B02 Page 5 of 25
TYPICAL PERFORMANCE DATA, UWS-3.3/15-Q48
5
7
9
11
13
15
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (ºC)
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0+ m/s (200+ LFM)
10
11
12
13
14
15
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (ºC)
0.33 to 2.0 m/s (65 to 400 LFM)
10
11
12
13
14
15
16
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (ºC)
0.33 to 2.0 m/s (65 to 400 LFM)
9
10
11
12
13
14
15
16
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (ºC)
0.33 m/s (65 LFM)
0.5 m/s (100 LFM)
1.0 m/s (200 LFM)
1.5+ m/s (400+ LFM)
Maximum Current Temperature Derating at Sea Level
(VIN = 18 and VIN = 24V, airflow is from pin 3 to pin 1)
Maximum Current Temperature Derating at Sea Level
(VIN = 60V, airflow is from pin 3 to pin 1)
Power Dissipation vs. Load Current @ 25
°C
Maximum Current Temperature Derating at Sea Level
(VIN = 36 and VIN = 48V, airflow is from pin 3 to pin 1)
Maximum Current Temperature Derating at Sea Level
(VIN = 75V, airflow is from pin 3 to pin 1)
Efficiency vs. Line Voltage and Load Current @ 25
°C
0.8
1.8
2.8
3.8
4.8
5.9
6.9
7.9
8.9
9.9
10.9
12.0
13.0
14.0
15.0
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
Vin = 36V
Vin = 75V
Vin = 18V
Vin = 24V
Load Current (Amps)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
0.8
1.8
2.8
3.8
4.8
5.9
6.9
7.9
8.9
9.9
10.9
12.0
13.0
14.0
15.0
Vin = 48V
Vin = 75V
Vin = 18V
Vin = 24V
Load Current (Amps)


Similar Part No. - UWS124.5Q48PMHL1C

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UWS1A101MCL1GS NICHICON-UWS1A101MCL1GS Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A221MCL NICHICON-UWS1A221MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A331MCL NICHICON-UWS1A331MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A471MCL NICHICON-UWS1A471MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UWS1A681MCL NICHICON-UWS1A681MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UWS124.5Q48PMHL1C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
IRS MURATA-PS-IRS Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Murata Power Solutions ...
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
   Wide Input Isolated Half Brick DC-DC
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com