Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74VHCT74ADR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74VHCT74ADR2
Description  Dual D-Type Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT74ADR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74VHCT74ADR2 Datasheet HTML 1Page - ON Semiconductor MC74VHCT74ADR2 Datasheet HTML 2Page - ON Semiconductor MC74VHCT74ADR2 Datasheet HTML 3Page - ON Semiconductor MC74VHCT74ADR2 Datasheet HTML 4Page - ON Semiconductor MC74VHCT74ADR2 Datasheet HTML 5Page - ON Semiconductor MC74VHCT74ADR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHCT74A
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
–0.5 to + 7.0
V
Vin
DC Input Voltage
–0.5 to + 7.0
V
Vout
DC Output Voltage VCC = 0
High or Low State
–0.5 to + 7.0
–0.5 to VCC + 0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current (VOUT < GND; VOUT > VCC)
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air,
SOIC Packages†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
–65 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress
ratings only. Functional operation above the Recommended Operating Conditions is not implied.
Extended exposure to stresses above the Recommended Operating Conditions may affect device
reliability.
†Derating − SOIC Packages: – 7 mW/°C from 65° to 125°C
TSSOP Package: − 6.1 mW/°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
4.5
5.5
V
Vin
DC Input Voltage
0
5.5
V
Vout
DC Output Voltage VCC = 0
High or Low State
0
0
5.5
VCC
V
TA
Operating Temperature
−55
+ 125
°C
tr, tf
Input Rise and Fall Time
VCC =5.0 V ± 0.5 V
0
20
ns/V
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
V
TA = 25°C
TA = − 55 to 125°C
Unit
Min
Typ
Max
Min
Max
VIH
Minimum High−Level Input Voltage
4.5 to 5.5
2.0
2.0
V
VIL
Maximum Low−Level Input Voltage
4.5 to 5.5
0.8
0.8
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH or VIL
IOH = −50 mA
4.5
4.4
4.5
4.4
V
IOH = −8 mA
4.5
3.94
3.80
VOL
Maximum Low−Level Output
Voltage
Vin = VIH or VIL
IOL = 50 mA
4.5
0.0
0.1
0.1
V
IOL = 8 mA
4.5
0.36
0.44
Iin
Maximum Input Leakage Current
Vin = 5.5 V or GND
0 to 5.5
±0.1
±1.0
mA
ICC
Maximum Quiescent Supply Current
Vin = VCC or GND
5.5
2.0
20.0
mA
ICCT
Quiescent Supply Current
Per Input: VIN = 3.4 V
Other Input: VCC or
GND
5.5
1.35
1.50
mA
IOPD
Output Leakage Current
VOUT = 5.5 V
0
0.5
5.0
mA
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74VHCT74ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT74ADR2 ONSEMI-MC74VHCT74ADR2 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74VHCT74ADR2G ONSEMI-MC74VHCT74ADR2G Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
More results

Similar Description - MC74VHCT74ADR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT74A ONSEMI-MC74VHCT74A Datasheet
147Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
1998 REV 0
logo
Motorola, Inc
MC74VHC74 MOTOROLA-MC74VHC74 Datasheet
153Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
logo
NXP Semiconductors
74ALS74A PHILIPS-74ALS74A Datasheet
50Kb / 10P
   Dual D-type flip-flop with set and reset
1996 Jul 01
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com