Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVB6413AN Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVB6413AN
Description  N-Channel Power MOSFET 100 V, 42 A, 28 m
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVB6413AN Datasheet(HTML) 1 Page - ON Semiconductor

  NVB6413AN Datasheet HTML 1Page - ON Semiconductor NVB6413AN Datasheet HTML 2Page - ON Semiconductor NVB6413AN Datasheet HTML 3Page - ON Semiconductor NVB6413AN Datasheet HTML 4Page - ON Semiconductor NVB6413AN Datasheet HTML 5Page - ON Semiconductor NVB6413AN Datasheet HTML 6Page - ON Semiconductor NVB6413AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
July, 2012 − Rev. 3
1
Publication Order Number:
NTB6413AN/D
NTB6413AN, NTP6413AN,
NVB6413AN
N-Channel Power MOSFET
100 V, 42 A, 28 mW
Features
Low RDS(on)
High Current Capability
100% Avalanche Tested
NVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C Unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage − Continuous
VGS
$20
V
Continuous Drain
Current RqJC
Steady
State
TC = 25°C
ID
42
A
TC = 100°C
28
Power Dissipation
RqJC
Steady
State
TC = 25°C
PD
136
W
Pulsed Drain Current
tp = 10 ms
IDM
178
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
42
A
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 50 Vdc, VGS = 10 Vdc,
IL(pk) = 36.5 A, L = 0.3 mH, RG = 25 W)
EAS
200
mJ
Lead Temperature for Soldering
Purposes, 1/8″ from Case for 10 Seconds
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Case (Drain) Steady State
RqJC
1.1
°C/W
Junction−to−Ambient (Note 1)
RqJA
35
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 sq in pad size,
(Cu Area 1.127 sq in [2 oz] including traces).
http://onsemi.com
MARKING DIAGRAM
& PIN ASSIGNMENT
6413AN = Specific Device Code
G
= Pb−Free Device
A
= Assembly Location
Y
= Year
WW = Work Week
1
2
3
4
D2PAK
CASE 418B
STYLE 2
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID MAX
(Note 1)
100 V
28 mW @ 10 V
42 A
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
NTP
6413ANG
AYWW
1
Gate
3
Source
4
Drain
2
Drain
1
Gate
3
Source
4
Drain
2
Drain
NTB
6413ANG
AYWW
G
S
D
N−Channel


Similar Part No. - NVB6413AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVB6413AN ONSEMI-NVB6413AN Datasheet
85Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 4
NVB6413ANT4G ONSEMI-NVB6413ANT4G Datasheet
85Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com