Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSV22T244MUTAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLSV22T244MUTAG
Description  Dual 2-Bit Dual-Supply Non-Inverting Level Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV22T244MUTAG Datasheet(HTML) 5 Page - ON Semiconductor

  NLSV22T244MUTAG Datasheet HTML 1Page - ON Semiconductor NLSV22T244MUTAG Datasheet HTML 2Page - ON Semiconductor NLSV22T244MUTAG Datasheet HTML 3Page - ON Semiconductor NLSV22T244MUTAG Datasheet HTML 4Page - ON Semiconductor NLSV22T244MUTAG Datasheet HTML 5Page - ON Semiconductor NLSV22T244MUTAG Datasheet HTML 6Page - ON Semiconductor NLSV22T244MUTAG Datasheet HTML 7Page - ON Semiconductor NLSV22T244MUTAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NLSV22T244
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
VCCA (V)
−405C to +855C
Unit
VCCB (V)
3.6
2.8
1.6
Min
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay,
An to Bn
3.6
3.4
3.6
3.8
nS
2.8
3.6
3.8
4.0
1.6
3.9
4.0
4.5
tPZH,
tPZL
Output Enable,
OE to OUT_Xn
3.6
5.8
6.0
6.2
nS
2.8
6.0
6.2
6.4
1.6
8.2
8.4
8.6
tPHZ,
tPLZ
Output Disable,
OE to OUT_Xn
3.6
5.8
6.0
6.2
nS
2.8
6.0
6.2
6.4
1.6
8.2
8.4
8.6
tOSHL,
tOSLH
Output−to−Output Skew,
Data−to−Output
3.6
0.15
0.15
0.15
nS
2.8
0.15
0.15
0.15
1.6
0.15
0.15
0.15
1. Propagation delays defined per Figure 3.
CAPACITANCE
Symbol
Parameter
Test Conditions
Typ (Note 2)
Unit
CIN
Control Pin Input Capacitance
VCCA = VCCB = 3.3 V, VI = 0 V or VCCA/B
3.5
pF
CI/O
I/O Pin Input Capacitance
VCCA = VCCB = 3.3 V, VI = 0 V or VCCA/B
5.0
pF
CPD
Power Dissipation Capacitance
VCCA = VCCB = 3.3 V, VI = 0 V or VCCA, f = 10 MHz
10
pF
2. Typical values are at TA = +25°C.
3. CPD is defined as the value of the IC’s equivalent capacitance from which the operating current can be calculated from:
ICC(operating) ^ CPD x VCC x fIN x NSW where ICC = ICCA + ICCB and NSW = total number of outputs switching.
Figure 3. AC (Propagation Delay) Test Circuit
DUT
Pulse
Generator
VCC
CL
RL
RL
VCCO x 2
OPEN
GND
Test
Switch
tPLH, tPHL
OPEN
tPLZ, tPZL
VCCO x 2 at VCCB = 3.0 V − 3.6 mV, 2.3 V − 2.7 V, 1.6 V −
1.95 V
tPHZ, tPZH
GND
CL = 15 pF or equivalent (includes probe and jig capacitance)
RL = 2 kW or equivalent
ZOUT of pulse generator = 50 W


Similar Part No. - NLSV22T244MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV22T244MUTAG ONSEMI-NLSV22T244MUTAG Datasheet
143Kb / 8P
   Dual 2-Bit Dual-Supply Non-Inverting Level Translator
June, 2009 ??Rev. 3
More results

Similar Description - NLSV22T244MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV22T244 ONSEMI-NLSV22T244 Datasheet
143Kb / 8P
   Dual 2-Bit Dual-Supply Non-Inverting Level Translator
June, 2009 ??Rev. 3
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV2T244 ONSEMI-NLSV2T244_16 Datasheet
100Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
March, 2016 ??Rev. 4
NLSV2T244 ONSEMI-NLSV2T244 Datasheet
165Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 1
NLSV2T240 ONSEMI-NLSV2T240 Datasheet
98Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
NLSV4T244 ONSEMI-NLSV4T244_15 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com