Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSV4T244EDTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSV4T244EDTR2G
Description  4-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV4T244EDTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLSV4T244EDTR2G Datasheet HTML 1Page - ON Semiconductor NLSV4T244EDTR2G Datasheet HTML 2Page - ON Semiconductor NLSV4T244EDTR2G Datasheet HTML 3Page - ON Semiconductor NLSV4T244EDTR2G Datasheet HTML 4Page - ON Semiconductor NLSV4T244EDTR2G Datasheet HTML 5Page - ON Semiconductor NLSV4T244EDTR2G Datasheet HTML 6Page - ON Semiconductor NLSV4T244EDTR2G Datasheet HTML 7Page - ON Semiconductor NLSV4T244EDTR2G Datasheet HTML 8Page - ON Semiconductor NLSV4T244EDTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2011
June, 2011 − Rev. 1
1
Publication Order Number:
NLSV4T244E/D
NLSV4T244E
4-Bit Dual-Supply
Non-Inverting Level
Translator
The NLSV4T244E is a 4−bit configurable dual−supply voltage
level translator. The input An and output Bn ports are designed to track
two different power supply rails, VCCA and VCCB respectively. Both
supply rails are configurable from 0.9 V to 4.5 V allowing universal
low−voltage translation from the input An to the output Bn port.
Features
Wide VCCA and VCCB Operating Range: 0.9 V to 4.5 V
High−Speed w/ Balanced Propagation Delay
Inputs and Outputs have OVT Protection to 4.5 V
Non−preferential VCCA and VCCB Sequencing
Outputs at 3−State until Active VCC is Reached
Power−Off Protection
Outputs Switch to 3−State with VCCB at GND
Ultra−Small Packaging: 1.7 mm x 2.0 mm UQFN12
These are Pb−Free Devices
Typical Applications
Mobile Phones, PDAs, Other Portable Devices
Important Information
ESD Protection for All Pins:
HBM (Human Body Model) > 2000 V
MM (Machine Model) > 400 V
UQFN12
MU SUFFIX
CASE 523AE
MARKING
DIAGRAMS
http://onsemi.com
AFMG
G
1
Device
Package
Shipping
ORDERING INFORMATION
NLSV4T244EMUTAG UQFN12
(Pb−Free)
3000/Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NLSV4T244EDR2G
SO−14
(Pb−Free)
2500/Tape &
Reel
NLSV4T244EDTR2G TSSOP14
(Pb−Free)
2500/Tape &
Reel
SOIC−14
D SUFFIX
CASE 751A
14
1
4T244EG
AWLYWW
1
14
TSSOP−14
DT SUFFIX
CASE 948G
14
1
SV4T
244E
ALYWG
G
1
14
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)
AF = Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - NLSV4T244EDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
170Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 3
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T244DR2G ONSEMI-NLSV4T244DR2G Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T244DR2G ONSEMI-NLSV4T244DR2G Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T244DTR2G ONSEMI-NLSV4T244DTR2G Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
More results

Similar Description - NLSV4T244EDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV4T244 ONSEMI-NLSV4T244_15 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV4T244 ONSEMI-NLSV4T244_12 Datasheet
148Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T3144 ONSEMI-NLSV4T3144 Datasheet
123Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2013 ??Rev. 0
NLSV4T244 ONSEMI-NLSV4T244 Datasheet
170Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
December, 2009 ??Rev. 3
SLSV4T244 ONSEMI-SLSV4T244 Datasheet
81Kb / 8P
   4-Bit Dual-Supply Non-Inverting Level Translator
March, 2015 ??Rev. 0
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com