Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMPM382FSFG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TMPM382FSFG
Description  32-Bit Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM382FSFG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TMPM382FSFG Datasheet HTML 6Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 7Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 8Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 9Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 10Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 11Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 12Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 13Page - Toshiba Semiconductor TMPM382FSFG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Roaster
Heater
Radiant
Heater
Triac
Power SW
Photocoupler
Photocoupler
IGBT
IGBT
EEPROM
Cooking Vessel
PFC
LED
LCDs
LEDs
Encoder
Key entry
Timer
Phototriac
coupler
Cooling Fan
Inverter Heater
Operation Panel Control
IGBT/MOSFET Driver
Heat-level display
PFC
Control
Main Control
Inverter control
Cooking vessel
temperature control
Roaster control
Radiant heater control
Fan control
TMP89FW20A
TMP89FW24A
TMPM380
TMPM382
TMPM384
The M380 Group consists of high-performance microcontrollers that provide multi-purpose timers capable of controlling power
devices used in home appliances, thereby enabling motor and induction heating (IH) control. Since they operate with a single
5-V supply, new designs can be created without replacing 5-V peripheral ICs. Additionally, a wide variety of on-chip timers and
serial interfaces makes the M380 suitable for a broad range of applications, including housing and industrial equipment. The
oscillation frequency detection (OFD) circuit allows the M380 to detect abnormal oscillation at the hardware level.
High-performance ARM CortexTM-M3 core: 40-MHz operation (max)
Toshiba-original NANO FLASHTM memory: Fast programming
Multi-purpose timers (IGBT and motor control modes)
Various serial interfaces
AD converter with data monitoring function
Oscillation frequency detection (OFD); compliant with the IEC 60730 standard
High-speed oscillator; power-on reset; voltage detection circuit
Single 5-V power supply
Air conditioners
Refrigerators
Dishwashers
Induction cooktops
Microwave ovens
Water heaters
Rice cookers
Bidet toilets
Product Lineup
System Block Diagram (Induction Cooktops)
**: Under development
Part Number
TMPM380FWFG
TMPM380FWDFG
TMPM380FYFG
TMPM380FYDFG
TMPM380FDFG **
TMPM382FSFG **
TMPM382FWFG **
TMPM384FDFG **
ROM (Flash)
Size
RAM
Size
Package
Features
128 KB
128 KB
256 KB
256 KB
512 KB
64 KB
128 KB
512 KB
12 KB
12 KB
16 KB
16 KB
32 KB
8 KB
12 KB
32 KB
LQFP100 (14 x 14 mm)
QFP100 (14 x 20 mm)
LQFP100 (14 x 14 mm)
QFP100 (14 x 20 mm)
LQFP100 (14 x 14 mm)
QFP64 (14 x 14 mm)
QFP64 (14 x 14 mm)
LQFP144 (20 x 20 mm)
Capable of controlling three-channel half bridges or
two-channel motors with multi-purpose timers. The emergency
protection circuit can disable the PWM output immediately.
Low-pin-count MCUs with multi-purpose timers designed to
control a single-channel half bridge or motor
High-pin-count MCU with multi-purpose timers designed to
control up to four-channel half bridges or a single-channel motor
Features
Application
10
M380 Group


Similar Part No. - TMPM382FSFG

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMPM-04 TRACOPOWER-TMPM-04 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04103 TRACOPOWER-TMPM-04103 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04105 TRACOPOWER-TMPM-04105 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04109 TRACOPOWER-TMPM-04109 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04112 TRACOPOWER-TMPM-04112 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
More results

Similar Description - TMPM382FSFG

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
   32-bit Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
   32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
   32-bit microcontrollers
logo
Fujitsu Component Limit...
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
   32-bit Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
   32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
   32-bit Secure Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com