Electronic Components Datasheet Search |
|
TMPM374FWUG Datasheet(PDF) 4 Page - Toshiba Semiconductor |
|
TMPM374FWUG Datasheet(HTML) 4 Page - Toshiba Semiconductor |
4 / 24 page Sound IC AV-SW Power Control LED Key Inputs IR Signal Transmitter Remote Controller Transmitter Flash ROM Tuner Panel SDRAM HDMI CEC UART I2C BUS EEPROM Mixed-Signal Controller TMP89FH00 Sensor System Control Section Sensor Control MCU CEC Sub MCU TMPM330 TMPM332 RISC Core MPEG Decoder Graphics/OSD HDMI Video/Audio Processor Amp The M330 Group of microcontrollers are ideal for audiovisual applications. They incorporate a remote control signal receiving function and a Consumer Electronics Control (CEC) interface that remain active even in 32-kHz SLEEP mode. This helps to reduce standby power consumption of audiovisual systems. High-performance ARM CortexTM-M3 core: 40-MHz operation (max) Toshiba-original low-power consumption NANO FLASHTM memory: Fast programming Various serial interfaces CEC interface and remote control signal preprocessor that remain active even in SLEEP mode High-speed, high-accuracy 10-bit AD converter (1.15- s conversion time @40 MHz) Real-time clock (RTC) Digital TVs Hard disk recorders Projectors Blu-ray players Set-top boxes AV systems Home appliances Factory equipment Office equipment Features Application Product Lineup System Block Diagram (Digital TV) TMPM330FWFG TMPM330FYFG TMPM330FYWFG TMPM330FDFG TMPM330FDWFG TMPM332FWUG TMPM333FWFG TMPM333FYFG TMPM333FDFG Part Number 128 KB 256 KB 256 KB 512 KB 512 KB 128 KB 128 KB 256 KB 512 KB 8 KB 16 KB 16 KB 32 KB 32 KB 8 KB 8 KB 16 KB 32 KB LQFP100 (14 x 14 mm) LQFP100 (14 x 14 mm) LQFP100 (14 x 14 mm) LQFP100 (14 x 14 mm) LQFP100 (14 x 14 mm) LQFP64 (10 x 10 mm) LQFP100 (14 x 14 mm) LQFP100 (14 x 14 mm) LQFP100 (14 x 14 mm) ROM (Flash) Size RAM Size Package CEC interface Remote control signal preprocessor Real-time clock (RTC) * The TMPM330FDWFG and TMPM330FYWFG support an extended temperature range. Real-time clock (RTC) Features – 4 – M330 Group |
Similar Part No. - TMPM374FWUG |
|
Similar Description - TMPM374FWUG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |