Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD03N80Z.1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDD03N80Z.1G
Description  N.Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD03N80Z.1G Datasheet(HTML) 2 Page - ON Semiconductor

  NDD03N80Z.1G Datasheet HTML 1Page - ON Semiconductor NDD03N80Z.1G Datasheet HTML 2Page - ON Semiconductor NDD03N80Z.1G Datasheet HTML 3Page - ON Semiconductor NDD03N80Z.1G Datasheet HTML 4Page - ON Semiconductor NDD03N80Z.1G Datasheet HTML 5Page - ON Semiconductor NDD03N80Z.1G Datasheet HTML 6Page - ON Semiconductor NDD03N80Z.1G Datasheet HTML 7Page - ON Semiconductor NDD03N80Z.1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NDD03N80Z, NDF03N80Z
http://onsemi.com
2
THERMAL RESISTANCE
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
NDF03N80Z
NDD03N80Z
RqJC
4.0
1.3
°C/W
Junction−to−Ambient Steady State
(Note 3) NDF03N80Z
(Note 4) NDD03N80Z
(Note 3) NDD03N80Z−1
RqJA
50
33
96
3. Insertion mounted
4. Surface mounted on FR4 board using 1” sq. pad size (Cu area = 1.127” sq [2 oz] including traces).
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-to-Source Breakdown Voltage
V(BR)DSS
VGS =0V, ID =1mA
800
V
Drain-to-Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
Reference to 25°C, ID = 1 mA
870
mV/°C
Drain−to−Source Leakage Current
IDSS
VDS = 800 V, VGS =0V
TJ =25°C
1.0
mA
TJ = 125°C
50
Gate-to-Source Leakage Current
IGSS
VGS = ±20 V
±10
mA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =50 mA
3.0
4.1
4.5
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
Reference to 25°C, ID = 50 mA
11
mV/°C
Static Drain-to-Source On Resistance
RDS(ON)
VGS =10V, ID = 1.2 A
3.7
4.5
W
Forward Transconductance
gFS
VDS =15V, ID = 1.2 A
2.1
S
DYNAMIC CHARACTERISTICS
Input Capacitance (Note 6)
Ciss
VDS =25V, VGS = 0 V, f = 1 MHz
440
pF
Output Capacitance (Note 6)
Coss
52
Reverse Transfer Capacitance
(Note 6)
Crss
9.0
Total Gate Charge (Note 6)
Qg
VDS = 400 V, ID = 3.3 A, VGS =10V
17
nC
Gate-to-Source Charge (Note 6)
Qgs
3.5
Gate-to-Drain (“Miller”) Charge
(Note 6)
Qgd
9.1
Plateau Voltage
VGP
6.5
V
Gate Resistance
Rg
5.5
W
RESISTIVE SWITCHING CHARACTERISTICS (Note 7)
Turn-on Delay Time
td(on)
VDD = 400 V, ID = 3.3 A,
VGS =10V, RG = 0 W
9.0
ns
Rise Time
tr
7.0
Turn-off Delay Time
td(off)
17
Fall Time
tf
9.0
SOURCE−DRAIN DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
IS = 3.0 A, VGS =0V
TJ =25°C
0.9
1.6
V
TJ = 100°C
0.8
Reverse Recovery Time
trr
VGS =0V, VDD =30V
IS = 3.3 A, di/dt = 100 A/ms
360
ns
Charge Time
ta
81
Discharge Time
tb
280
Reverse Recovery Charge
Qrr
1.3
nC
5. Pulse Width ≤ 380 ms, Duty Cycle ≤ 2%.
6. Guaranteed by design.
7. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NDD03N80Z.1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD03N80Z ONSEMI-NDD03N80Z Datasheet
124Kb / 8P
   N?륝hannel Power MOSFET
October, 2013 ??Rev. 2
logo
Inchange Semiconductor ...
NDD03N80Z ISC-NDD03N80Z Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
NDD03N80Z-1 ISC-NDD03N80Z-1 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDD03N80Z-1G ONSEMI-NDD03N80Z-1G Datasheet
124Kb / 8P
   N?륝hannel Power MOSFET
October, 2013 ??Rev. 2
NDD03N80ZT4G ONSEMI-NDD03N80ZT4G Datasheet
124Kb / 8P
   N?륝hannel Power MOSFET
October, 2013 ??Rev. 2
More results

Similar Description - NDD03N80Z.1G

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRF240SMD SEME-LAB-IRF240SMD Datasheet
22Kb / 2P
   N.CHANNEL POWER MOSFET
IRF250SMD SEME-LAB-IRF250SMD Datasheet
23Kb / 2P
   N.CHANNEL POWER MOSFET
logo
ON Semiconductor
NTMFS5C442NL ONSEMI-NTMFS5C442NL Datasheet
83Kb / 6P
   Power MOSFET 40 V, 121 A, Single N.Channel
June, 2014 ??Rev. 0
NTD5805N ONSEMI-NTD5805N_12 Datasheet
143Kb / 6P
   Power MOSFET 40 V, 51 A, Single N.Channel, DPAK
April, 2012 ??Rev. 4
NTMFS5834NL ONSEMI-NTMFS5834NL_13 Datasheet
114Kb / 6P
   Power MOSFET 40 V, 75 A, 9.3 m, Single N.Channel
February, 2013 ??Rev. 3
NVMFS5830NL ONSEMI-NVMFS5830NL_13 Datasheet
111Kb / 6P
   Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NTMFS5844NL ONSEMI-NTMFS5844NL_13 Datasheet
111Kb / 6P
   Power MOSFET 60 V, 61 A, 12 m, Single N.Channel
March, 2013 ??Rev. 4
NTDV18N06LT4G ONSEMI-NTDV18N06LT4G Datasheet
169Kb / 8P
   Power MOSFET 18 A, 60 V, Logic Level N.Channel DPAK
August, 2011 ??Rev. 6
NVD6824NL ONSEMI-NVD6824NL Datasheet
115Kb / 6P
   Power MOSFET 100 V, 20 m, 41 A, Single N.Channel
July, 2012 ??Rev. 0
NVD6828NL ONSEMI-NVD6828NL Datasheet
113Kb / 6P
   Power MOSFET 90 V, 20 m, 41 A, Single N.Channel
August, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com