Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLAS753 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLAS753
Description  MIXED SIGNAL MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS753 Datasheet(HTML) 4 Page - Texas Instruments

  SLAS753 Datasheet HTML 1Page - Texas Instruments SLAS753 Datasheet HTML 2Page - Texas Instruments SLAS753 Datasheet HTML 3Page - Texas Instruments SLAS753 Datasheet HTML 4Page - Texas Instruments SLAS753 Datasheet HTML 5Page - Texas Instruments SLAS753 Datasheet HTML 6Page - Texas Instruments SLAS753 Datasheet HTML 7Page - Texas Instruments SLAS753 Datasheet HTML 8Page - Texas Instruments SLAS753 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MSP430G22x0
SLAS753D – JANUARY 2012 – REVISED AUGUST 2012
www.ti.com
Table 2. Terminal Functions, MSP430G2210(1)
TERMINAL
NO.
DESCRIPTION
NAME
I/O
D
P1.2/
General-purpose digital I/O pin
2
I/O
TA0.1/
Timer_A, capture: CCI1A input, compare Out1 output
CA2
Comparator_A+, CA2 input
P1.5/
General-purpose digital I/O pin
3
I/O
TA0.0/
Timer_A, compare Out0 output
CA5
Comparator_A+, CA5 input
P1.6/
General-purpose digital I/O pin
4
I/O
TA0.1/
Timer_A, compare: Out1 output
CA6
Comparator_A+, CA6 input
P1.7/
General-purpose digital I/O pin
5
I/O
CAOUT/
Comparator_A+, output
CA7
Comparator_A+, CA7 input
RST/
Reset input
6
I
NMI/
Nonmaskable interrupt input
SBWTDIO
Spy-Bi-Wire test data input/output during programming and test
TEST/
Selects test mode for JTAG pins on Port 1. The device protection fuse is connected to TEST.
7
I
SBWTCK
Spy-Bi-Wire test clock input during programming and test
DVCC
1
Digital supply voltage
DVSS
8
Digital ground reference
(1)
The GPIOs P1.0, P1.1, P1.3, P1.4, P2.6, and P2.7 are implemented but not available on the device pinout. To avoid floating inputs,
these digital I/Os should be properly configured. The pullup or pulldown resistors of the unbounded P1.x GPIOs should be enabled, and
the VLO should be selected as the ACLK source (see the MSP430x2xx Family User's Guide (SLAU144)).
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - SLAS753

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
SLAS191A TI-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
ON Semiconductor
SLAS5223 ONSEMI-SLAS5223 Datasheet
151Kb / 10P
   Ultra-Low Dual SPDT Analog Switch
October, 2013 ??Rev. 0
SLAS5223MNR2G ONSEMI-SLAS5223MNR2G Datasheet
151Kb / 10P
   Ultra-Low Dual SPDT Analog Switch
October, 2013 ??Rev. 0
logo
List of Unclassifed Man...
SLASC1 ETC2-SLASC1 Datasheet
39Kb / 1P
   2.0mm Ceramic Surface Mount Crystal
More results

Similar Description - SLAS753

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com