Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8871 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8871
Description  Automotive Grade Non-Synchronous Boost Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8871 Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8871 Datasheet HTML 1Page - ON Semiconductor NCV8871 Datasheet HTML 2Page - ON Semiconductor NCV8871 Datasheet HTML 3Page - ON Semiconductor NCV8871 Datasheet HTML 4Page - ON Semiconductor NCV8871 Datasheet HTML 5Page - ON Semiconductor NCV8871 Datasheet HTML 6Page - ON Semiconductor NCV8871 Datasheet HTML 7Page - ON Semiconductor NCV8871 Datasheet HTML 8Page - ON Semiconductor NCV8871 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCV8871
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS (Voltages are with respect to GND, unless otherwise indicated)
Rating
Value
Unit
Dc Supply Voltage (VIN)
−0.3 to 40
V
Peak Transient Voltage (Load Dump on VIN)
45
V
Dc Supply Voltage (VDRV, GDRV)
12
V
Peak Transient Voltage (VFB)
−0.3 to 6
V
Dc Voltage (VC, VFB, ISNS)
−0.3 to 3.6
V
Dc Voltage (EN/SYNC)
−0.3 to 6
V
Dc Voltage Stress (VIN − VDRV)*
−0.7 to 45
V
Operating Junction Temperature
−40 to 150
°C
Storage Temperature Range
−65 to 150
°C
Peak Reflow Soldering Temperature: Pb−Free, 60 to 150 seconds at 217°C
265 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*An external diode from the input to the VIN pin is required if bootstrapping VDRV and VIN off of the output voltage.
PACKAGE CAPABILITIES
Characteristic
Value
Unit
ESD Capability (All Pins)
Human Body Model
Machine Model
w2.0
w200
kV
V
Moisture Sensitivity Level
1
Package Thermal Resistance
Junction−to−Ambient, RqJA (Note 1)
100
°C/W
1. 1 in2, 1 oz copper area used for heatsinking.
Device Variations
The NCV8871 features several variants to better fit a
multitude of applications. The table below shows the typical
values of parameters for the parts that are currently
available.
TYPICAL VALUES
Part No.
Dmax
fs
tss
Sa
Vcl
Isrc
Isink
VDRV
SCE
NCV887100
88%
170 kHz
7.4 ms
53 mV/ms
400 mV
800 mA
600 mA
10.5 V
Y
NCV887101
86%
1000 kHz
1.25 ms
16 mV/ms
400 mV
575 mA
350 mA
6.3 V
Y
NCV887102
91%
1000 kHz
1.25 ms
53 mV/ms
400 mV
800 mA
600 mA
6.3 V
N
NCV887103
93%
340 kHz
3.7 ms
53 mV/ms
200 mV
575 mA
350 mA
8.4 V
Y
NCV887104
93%
340 kHz
3.7 ms
53 mV/ms
200 mV
800 mA
600 mA
8.4 V
N
DEFINITIONS
Symbol
Characteristic
Symbol
Characteristic
Symbol
Characteristic
Dmax
Maximum Duty Cycle
fs
Switching Frequency
tss
Soft−Start Time
Sa
Slope Compensating Ramp
Vcl
Current Limit Trip Voltage
Isrc
Gate Drive Sourcing Current
Isink
Gate Drive Sinking Current
VDRV
Drive Voltage
SCE
Short Circuit Enable


Similar Part No. - NCV8871

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8871 ONSEMI-NCV8871 Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887100D1R2G ONSEMI-NCV887100D1R2G Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV887100D1R2G ONSEMI-NCV887100D1R2G Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887101D1R2G ONSEMI-NCV887101D1R2G Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV887101D1R2G ONSEMI-NCV887101D1R2G Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
More results

Similar Description - NCV8871

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8873 ONSEMI-NCV8873_16 Datasheet
176Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 6
NCV8870 ONSEMI-NCV8870_17 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 11
NCV8870 ONSEMI-NCV8870 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 1
NCV8871 ONSEMI-NCV8871_17 Datasheet
146Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
January, 2017 ??Rev. 13
NCV887200 ONSEMI-NCV887200_16 Datasheet
240Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 9
NCV8873 ONSEMI-NCV8873_17 Datasheet
101Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
December, 2017 ??Rev. 8
NCV8873 ONSEMI-NCV8873 Datasheet
143Kb / 11P
   Automotive Grade Non-Synchronous Boost Controller
May, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com