Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8702MX28TCG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8702MX28TCG
Description  200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8702MX28TCG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8702MX28TCG Datasheet HTML 5Page - ON Semiconductor NCV8702MX28TCG Datasheet HTML 6Page - ON Semiconductor NCV8702MX28TCG Datasheet HTML 7Page - ON Semiconductor NCV8702MX28TCG Datasheet HTML 8Page - ON Semiconductor NCV8702MX28TCG Datasheet HTML 9Page - ON Semiconductor NCV8702MX28TCG Datasheet HTML 10Page - ON Semiconductor NCV8702MX28TCG Datasheet HTML 11Page - ON Semiconductor NCV8702MX28TCG Datasheet HTML 12Page - ON Semiconductor NCV8702MX28TCG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCV8702
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 27. Line Regulation vs. Temperature,
VOUT = 1.8 V
Figure 28. Line Regulation vs. Temperature,
VOUT = 3.3 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
60
40
20
0
−20
−40
0
100
300
400
600
700
900
1000
Figure 29. Disable Current vs. Temperature,
VOUT = 1.8 V
Figure 30. Disable Current vs. Temperature,
VOUT = 3.3 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
100
80
40
20
0
−20
−40
−0.05
0
0.10
0.15
0.25
0.35
0.45
0.50
Figure 31. Disable Current vs. Temperature,
VOUT = 0.8 V
Figure 32. Output Current Limit vs.
Temperature, VOUT = 0.8 V
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
80
140
200
500
800
VIN = VEN = 2 V
VOUT(nom) = 0.8 V
CIN = COUT = 1 mF
Output Short Circuit
VOUT = 0 V
Output Current Limit
VOUT = VOUT(nom) − 0.1 V
VOUT = 1.8 V
IOUT = 10 mA
COUT = COUT = 1 mF
VIN = 2.1 V … 5.5 V
VIN = 2.1 V … 4.5 V
120
100
60
40
20
0
−20
−40
0
100
300
400
600
700
900
1000
80
140
200
500
800
VOUT = 3.3 V
IOUT = 10 mA
COUT = COUT = 1 mF
VIN = 3.6 V … 5.5 V
VIN = 3.6 V … 4.5 V
60
140
0.05
0.20
0.30
0.40
VIN = 5.5 V
VOUT = 1.8 V
VEN = 0 V
COUT = COUT = 1 mF
120
100
80
40
20
0
−20
−40
−0.05
0
0.10
0.15
0.25
0.35
0.45
0.50
60
140
0.05
0.20
0.30
0.40
VIN = 5.5 V
VOUT = 3.3 V
VEN = 0 V
COUT = COUT = 1 mF
120
100
80
40
20
0
−20
−40
−0.05
0
0.10
0.15
0.25
0.35
0.45
0.50
60
140
0.05
0.20
0.30
0.40
VIN = 5.5 V
VOUT = 0.8 V
VEN = 0 V
COUT = COUT = 1 mF
250
270
290
310
330
350
370
390
410
430
450
−40 −20
0
20
40
60
80
100 120 140


Similar Part No. - NCV8702MX28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702MX28TCG ONSEMI-NCV8702MX28TCG Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
More results

Similar Description - NCV8702MX28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
NCP702 ONSEMI-NCP702 Datasheet
1Mb / 20P
   Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
logo
STMicroelectronics
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
   200 mA ultra-low quiescent current LDO
Rev 3 - June 2019
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Texas Instruments
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
[Old version datasheet]   200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_16 Datasheet
1Mb / 22P
   500 mA, Ultra-Low Quiescent Current, IQ 13 A, Ultra-Low Noise, LDO Voltage Regulator
March, 2016 ??Rev. 7
NCP703 ONSEMI-NCP703_13 Datasheet
994Kb / 18P
   300 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, LDO Voltage Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com