Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAFA1023-S21-03-S-1 Datasheet(PDF) 1 Page - Emcore Corporation

Part # MAFA1023-S21-03-S-1
Description  MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA1023-S21-03-S-1 Datasheet(HTML) 1 Page - Emcore Corporation

  MAFA1023-S21-03-S-1 Datasheet HTML 1Page - Emcore Corporation MAFA1023-S21-03-S-1 Datasheet HTML 2Page - Emcore Corporation MAFA1023-S21-03-S-1 Datasheet HTML 3Page - Emcore Corporation MAFA1023-S21-03-S-1 Datasheet HTML 4Page - Emcore Corporation MAFA1023-S21-03-S-1 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET | SEPTEMBER 2012
FIBER OPTICS
| REV 2012.09
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
CATV Systems
Long Distance RF/Microwave Fiber
Optic Communication Links
Sensing and Control Systems
High Performance Supertrunking Links
High Power Distribtuion Networks
Redundanct Ring Architectures
FTTx Networks
Features
Full Function Fiber Optic Amplifier
Ready for Integration
Low Noise Figure (Typ < 4.5 dB)
Pin: -6 dBm to +12 dBM
Pout: +14 dBm to +23 dBm
RS-232 Monitor and Control Interface
(SNMP V.1 is also possible)
Standard and Optional Gain Flatness
Low Electrical Power Consumption
Input/Output Isolation >40/40 dB
Polarization Dependant Gain < 0.1 dB
Polarization Mode Dispersion < 0.2 ps
Input & Output Return Losses < -40 dB
Output Residual Pump Power < -30 dBm
Back Reflection Monitoring
MAFA 1000 Series Erbium Doped Fiber Micro Amplifier
EMCORE’s MAFA 1000 Series Erbium Doped Fiber micro Amplifier (μEDFA)
Gain Block Module is an ideal building block for OEM system integrators. The
family of MAFA 1000 EDFA Gain Blocks is designed to meet the most demanding
noise performance requirements of fiber optic communications and control
systems, and performs all the functions required of an optical amplifier for system
integration.
MAFA 1000 series EDFA Gain Blocks provide input and output optical isolation for
stable, low noise operation. The input and output optical signal power levels are
detected for monitoring and control. The input optical signal is amplified with
active gain control for a constant output power level or with active output power
control for constant gain mode operation.
The MAFA 1000 series EDFA Gain Blocks also provide monitors and associated
alarms for all critical operating parameters. The optical output of the MAFA 1000
series EDFA Gain Blocks can be split into multiple ports by optional external
splitter. Optional back reflection monitoring feature enables safe output optical
power managing.
The compact mechanical footprint of the MAFA 1000 allows using this unit to be
installed in small space environments.
MAFA 1000 Series EDFA


Similar Part No. - MAFA1023-S21-03-S-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA1000 EMCORE-MAFA1000 Datasheet
620Kb / 4P
   EDFA
MAFA1014-EC1-00-E-1 EMCORE-MAFA1014-EC1-00-E-1 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-E-2 EMCORE-MAFA1014-EC1-00-E-2 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-E-3 EMCORE-MAFA1014-EC1-00-E-3 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA1014-EC1-00-S-1 EMCORE-MAFA1014-EC1-00-S-1 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
More results

Similar Description - MAFA1023-S21-03-S-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-2000 EMCORE-MAFA-2000 Datasheet
394Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-3000 EMCORE-MAFA-3000 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
MAFA-2100-PA1 EMCORE-MAFA-2100-PA1 Datasheet
406Kb / 3P
   Micro Erbium Doped Fiber pre-Amplifier
NMOA8100 EMCORE-NMOA8100_12 Datasheet
473Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30_12 Datasheet
563Kb / 6P
   Erbium Doped Fiber Amplifier
NMOA8100 EMCORE-NMOA8100 Datasheet
105Kb / 4P
   Erbium Doped Fiber Amplifier
PONA30 EMCORE-PONA30 Datasheet
809Kb / 5P
   Erbium Doped Fiber Amplifier
MAFA-2100-PA EMCORE-MAFA-2100-PA Datasheet
383Kb / 3P
   Erbium Doped Fiber Micro PreAmplifier
PONA-2100 EMCORE-PONA-2100 Datasheet
481Kb / 4P
   Erbium Doped Fiber Amplifier (EDFA)
logo
JDS Uniphase Corporatio...
OAB1552-20FP0 JDSU-OAB1552-20FP0 Datasheet
90Kb / 3P
   Benchtop Erbium-Doped Fiber Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com