Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12008 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL12008
Description  High-Accuracy RTC Modules, Feature-Rich RTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12008 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL12008 Datasheet HTML 1Page - Intersil Corporation ISL12008 Datasheet HTML 2Page - Intersil Corporation ISL12008 Datasheet HTML 3Page - Intersil Corporation ISL12008 Datasheet HTML 4Page - Intersil Corporation ISL12008 Datasheet HTML 5Page - Intersil Corporation ISL12008 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.intersil.com/timing
REAL TIME CLOCK ICs
INTERSIL SELECTION GUIDE
LOw-COST, LOw-POwER RTCs
MICRO-POwER, LOw COST, SMALL RTC
PROvIDES SIGNIFICANT PCB REAL-ESTATE
SAvINGS
The ISL12057/8/9 offer a cost-improved 3-Volt
alternative to the most popular low-accuracy
timekeeping products, with operation down to
1.4V for battery-powered, portable applications.
Low Power, with
IRQs, Alarm and
Timer
ISL12057,
ISL12058,
ISL12059
kEy FEATURES
• Real time clock and calendar
• Low standby current
• Multiple selectable frequency outputs
• Selectable alarms
• I2C interface
• Operates over 1.4V to 3.6V supplies
• Variety of popular compact packages)
ISL12058
Cost-reduced alternative
to ISL1208 with added
advantage of 3V
operation.
ISL12057
•Drop-in replacement for DS1337
•Features operation down to 1.4V, TDFN package, and competitive
price
ISL12059
•Improved alternative to ST M41T00S
•Features operation down to 1.4V and competitive price
Low-Cost, Low-Power RTCs
Device
IBAT
(nA)
Alarms
Selectable
Frequency
Output
CPU Supervisory
Function
Battery
IRQ
FOUT
SRAM
Other
Functions
Package
POR
Watchdog
Timer
Seal Backup
with Battery Backup
ISL12008
800
1
1
N
N
Y
Y
-
Dedicated Pin
8 Ld SOIC
ISL12082
800
1
4
N
N
Y
Y
Dedicated Pin
Dedicated Pin
N
•Timer
10 Ld MSOP, 8 Ld SOIC
with Battery Backed SRAM
ISL1208
400
1
15
N
N
Y
Y
Shared Pin
2 Bytes
8 Ld MSOP, 8 Ld SOIC,
8 Ld TDFN
ISL1218
400
1
15
N
N
Y
Y
Shared Pin
8 Bytes
8 Ld MSOP, 8 Ld SOIC
ISL1220
400
1
15
N
N
Y
Y
Dedicated Pin
Dedicated Pin
8 Bytes
10 Ld MSOP
with Battery Backed SRAM and Event Detection
ISL1209
400
1
15
N
N
Y
Y
Shared Pin
2 Bytes
•EventDetect
10 Ld MSOP
ISL1219
400
1
15
N
N
Y
Y
Shared Pin
2 Bytes
•EventDetect
•TimeStamp
10 Ld MSOP
ISL1221
400
1
15
N
N
Y
Y
Dedicated Pin
Dedicated Pin
2 Bytes
•EventDetect
•TimeStamp
10 Ld MSOP
with IRQs, Alarm and Timer
ISL12057
400
2
4
N
N
N
N
Shared Pin
N
•3V
8 Ld SOIC, 8 Ld MSOP,
8 Ld TDFN
ISL12058
400
2
4
N
N
N
N
Shared Pin
N
•3V
8 Ld SOIC, 8 Ld MSOP,
8 Ld TDFN, 8 Ld µTDFN
ISL12059
400
0
1
N
N
N
N
Shared Pin
N
•3V
8 Ld SOIC


Similar Part No. - ISL12008

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
ISL12008 INTERSIL-ISL12008 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL12008 RENESAS-ISL12008 Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
logo
Intersil Corporation
ISL12008IB8Z INTERSIL-ISL12008IB8Z Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
Renesas Technology Corp
ISL12008IB8Z RENESAS-ISL12008IB8Z Datasheet
791Kb / 19P
   Low Power RTC with Battery ReSeal??Function
More results

Similar Description - ISL12008

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
[Old version datasheet]   Feature Rich Smartcard Interface IC
logo
Golledge Electronics Lt...
RV8803C7 GOLLEDGE-RV8803C7_18 Datasheet
770Kb / 5P
   RTC I C bus High Accuracy
logo
Microchip Technology
MCP1726-ADJE MICROCHIP-MCP1726-ADJE Datasheet
100Kb / 2P
   Feature-Rich, Low Dropout Regulator for High-Performance Microprocessor Applications
3/1/05
logo
Cymbet Corporation
AN-1058 CYMBET-AN-1058 Datasheet
280Kb / 7P
   Using CBC348xx EnerChip RTC in High Accuracy Applications
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
   FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
logo
Maxim Integrated Produc...
AN632 MAXIM-AN632 Datasheet
355Kb / 8P
   Evaluating the Accuracy of Maxim Real-Time Clocks (RTCs)
Aug 01, 2001
logo
NIHON DEMPA KOGYO
NR3225SA NDK-NR3225SA Datasheet
699Kb / 1P
   Digital Temperature Compensated RTC Modules
logo
NHP Electrical Engineer...
2080-MEMBAK-RTC NHP-2080-MEMBAK-RTC Datasheet
636Kb / 1P
   M830/M850 PLUG-IN RECIPE BACKUP AND HIGH ACCURACY RTC
6 June 2023,
logo
OmniVision Technologies...
OV7675 OMNIVISION-OV7675 Datasheet
988Kb / 2P
   Higher Performance, Feature Rich VGA Sensor to Support Fast Growing EmergingMarkets
logo
List of Unclassifed Man...
AR9344 ETC2-AR9344 Datasheet
4Mb / 466P
   Highly-Integrated and Feature-Rich IEEE Premium SoC for Advanced WLAN Platforms
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com