Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2500 Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA2500
Description  Dual REC/PB Preamplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2500 Datasheet(HTML) 4 Page - Sony Corporation

  CXA2500 Datasheet HTML 1Page - Sony Corporation CXA2500 Datasheet HTML 2Page - Sony Corporation CXA2500 Datasheet HTML 3Page - Sony Corporation CXA2500 Datasheet HTML 4Page - Sony Corporation CXA2500 Datasheet HTML 5Page - Sony Corporation CXA2500 Datasheet HTML 6Page - Sony Corporation CXA2500 Datasheet HTML 7Page - Sony Corporation CXA2500 Datasheet HTML 8Page - Sony Corporation CXA2500 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
– 4 –
CXA2500M/N
No.
11
AGC TC
0.37V
AGC time constant
Tape/tuner selection
During Tape/Normal: 0V
During Tape/Metal:
0.5V
During Tuner Mode: 2.0V
PB/REC selection
During PB =
0V
During REC = 2.0V
0.5V
(Open)
0V
(2.0V)
TAPE/TUNER
PB/REC
12
13
Symbol
Voltage
(Typ.)
Equivalent circuit
Description
1k
VCC
11
150k
VCC
142
50k
12
VCC
142
13


Similar Part No. - CXA2500

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2502 SONY-CXA2502 Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA2502M SONY-CXA2502M Datasheet
209Kb / 11P
   Dolby B-C Type Noise Reduction System for Playback
CXA2503 SONY-CXA2503 Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2504 SONY-CXA2504 Datasheet
212Kb / 13P
   Sample-and-Hold Driver IC for LCD
More results

Similar Description - CXA2500

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20034 SONY-CX20034 Datasheet
495Kb / 20P
   REC/PB AMPLIFIER
logo
Rohm
BA5104A ROHM-BA5104A Datasheet
187Kb / 3P
   Switchless REC/PB Amplifier
logo
Sony Corporation
CXA1202Q-Z SONY-CXA1202Q-Z Datasheet
427Kb / 26P
   REC/PB Amplifier for VCR
logo
Toshiba Semiconductor
TA8155F TOSHIBA-TA8155F Datasheet
662Kb / 16P
   REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
logo
Samsung semiconductor
S1A0292A01 SAMSUNG-S1A0292A01 Datasheet
304Kb / 14P
   PB/REC EQ ST PRE AMP
logo
Toshiba Semiconductor
TA8155FG TOSHIBA-TA8155FG Datasheet
1Mb / 17P
   REC / PB System Dual Pre−amplifier (1.5 / 3V USE)
logo
Samsung semiconductor
S1A0291X01 SAMSUNG-S1A0291X01 Datasheet
147Kb / 8P
   PB/REC PRE AMP FOR 2 DECK
logo
Rohm
BA328 ROHM-BA328 Datasheet
117Kb / 5P
   Dual preamplifier
logo
Daewoo Semiconductor
DBL1010 DAEWOO-DBL1010 Datasheet
222Kb / 5P
   DUAL PREAMPLIFIER
logo
Toshiba Semiconductor
TA8162SN TOSHIBA-TA8162SN Datasheet
329Kb / 9P
   DUAL PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com