Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGSF1N03LT1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MGSF1N03LT1
Description  N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF1N03LT1 Datasheet(HTML) 3 Page - Motorola, Inc

  MGSF1N03LT1 Datasheet HTML 1Page - Motorola, Inc MGSF1N03LT1 Datasheet HTML 2Page - Motorola, Inc MGSF1N03LT1 Datasheet HTML 3Page - Motorola, Inc MGSF1N03LT1 Datasheet HTML 4Page - Motorola, Inc MGSF1N03LT1 Datasheet HTML 5Page - Motorola, Inc MGSF1N03LT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MGSF1N03LT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 3. On–Resistance versus Drain Current
Figure 4. On–Resistance versus Drain Current
Figure 5. On–Resistance Variation with Temperature
0.001
0.1
1
Figure 6. Gate Charge
VSD, DIODE FORWARD VOLTAGE (VOLTS)
Figure 7. Body Diode Forward Voltage
0
0.1
0.2
0.3
0.9
0.01
0.4
Figure 8. Capacitance
VDS, DRAIN–TO–SOURCE VOLTAGE (Volts)
0
8
16
20
4
12
Ciss
Coss
Crss
350
50
VGS = 0 V
f = 1 MHz
TJ = 25°C
0
0.5
0.6
0.7
0.8
0
0.2
0.4
0.6
0.8
0.04
0.14
ID, DRAIN CURRENT (AMPS)
25
°C
VGS = 4.5 V
0.09
0.1
0.3
0.5
0.7
150
°C
–55
°C
0.9
1
0.24
0.19
0
0.4
0.8
1.2
1.6
0.04
0.1
0.12
ID, DRAIN CURRENT (AMPS)
VGS = 10 V
0.08
0.06
0.14
0.2
0.6
1
1.4
1.8
2
25
°C
150
°C
–55
°C
0
0.8
TJ, JUNCTION TEMPERATURE (°C)
VGS = 10 V
ID = 2 A
– 55
0
50
100
150
0.2
0.4
0.6
1
1.2
1.4
1.6
VGS = 4.5 V
ID = 1 A
0
10
6
2
0
QT, TOTAL GATE CHARGE (pC)
8
4
1000
6000
VDS = 24 V
TJ = 25°C
2000
ID = 2.0 A
3000
5000
4000
TJ = 150°C
–55
°C
25
°C
0.16
1.8
– 25
25
75
125
100
150
200
250
300


Similar Part No. - MGSF1N03LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF1N03LT1 ONSEMI-MGSF1N03LT1 Datasheet
74Kb / 4P
   Power MOSFET 30 V, 2.1 A, Single N?묬hannel, SOT??3
March, 2005 ??Rev. 7
logo
List of Unclassifed Man...
MGSF1N03LT1G ETC1-MGSF1N03LT1G Datasheet
124Kb / 5P
   Power MOSFET 30 V, 2.1 A, Single N?묬hannel, SOT??3
logo
ON Semiconductor
MGSF1N03LT1G ONSEMI-MGSF1N03LT1G Datasheet
148Kb / 6P
   Power MOSFET
October, 2016 ??Rev. 11
logo
VBsemi Electronics Co.,...
MGSF1N03LT1G VBSEMI-MGSF1N03LT1G Datasheet
476Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - MGSF1N03LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGSF1N02LT1 MOTOROLA-MGSF1N02LT1 Datasheet
187Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF0201N MOTOROLA-MMBF0201N Datasheet
178Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442VT1 MOTOROLA-MGSF3442VT1 Datasheet
142Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3442XT1 MOTOROLA-MGSF3442XT1 Datasheet
86Kb / 4P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3454VT1 MOTOROLA-MGSF3454VT1 Datasheet
125Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF3454XT1 MOTOROLA-MGSF3454XT1 Datasheet
138Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF2201NT1 MOTOROLA-MMBF2201NT1 Datasheet
142Kb / 6P
   N-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MGSF1N02ELT1 MOTOROLA-MGSF1N02ELT1 Datasheet
116Kb / 5P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT-MODE TMOS MOSFET
MMBF0202PLT1 MOTOROLA-MMBF0202PLT1 Datasheet
190Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
MMBF2202PT1 MOTOROLA-MMBF2202PT1 Datasheet
179Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE TMOS MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com