Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4683 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4683
Description  300 mA, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4683 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4683 Datasheet HTML 1Page - ON Semiconductor NCP4683 Datasheet HTML 2Page - ON Semiconductor NCP4683 Datasheet HTML 3Page - ON Semiconductor NCP4683 Datasheet HTML 4Page - ON Semiconductor NCP4683 Datasheet HTML 5Page - ON Semiconductor NCP4683 Datasheet HTML 6Page - ON Semiconductor NCP4683 Datasheet HTML 7Page - ON Semiconductor NCP4683 Datasheet HTML 8Page - ON Semiconductor NCP4683 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
NCP4683
http://onsemi.com
3
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, UDFN 1.0 x 1.0 mm
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
Thermal Characteristics, SOT23
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SC−70
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V or 2.5 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 1.0 mF, unless otherwise noted.
Typical values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
1.40
5.25
V
Output Voltage
TA = +25°C
VOUT ≥ 2.0 V
VOUT
x0.99
x1.01
V
VOUT < 2.0 V
−20
20
mV
−40°C ≤ TA ≤ 85°C
VOUT ≥ 2.0 V
x0.97
x1.03
V
VOUT < 2.0 V
−60
60
mV
Output Voltage Temp. Coefficient
−40°C ≤ TA ≤ 85°C
DVOUT/DTA
±80
ppm/°C
Line Regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 5.0 V
LineReg
0.02
0.10
%/V
Load Regulation
IOUT = 1 mA to 300 mA
LoadReg
15
40
mV
Dropout Voltage
IOUT = 300 mA
VOUT = 0.8 V
VDO
0.56
0.72
V
VOUT = 0.9 V
0.51
0.65
1.0 V ≤ VOUT < 1.2 V
0.46
0.59
1.2 V ≤ VOUT < 1.4 V
0.39
0.50
1.4 V ≤ VOUT < 1.7 V
0.35
0.44
1.7 V ≤ VOUT < 2.1 V
0.30
0.39
2.1 V ≤ VOUT < 2.5 V
0.26
0.34
2.5 V ≤ VOUT < 3.0 V
0.25
0.30
3.0 V ≤ VOUT < 3.6 V
0.22
0.29
Output Current
IOUT
300
mA
Short Current Limit
VOUT = 0 V
ISC
60
mA
Quiescent Current
IQ
50
75
mA
Standby Current
VCE = 0 V, TA = 25°C
ISTB
0.1
1.0
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.0
V
CE Input Voltage “L”
VCEL
0.4
CE Pull Down Current
ICEPD
0.3
mA
Power Supply Rejection Ratio
VIN = VOUT + 1 V or VIN = 3 V,
DVIN = 0.2 Vpk−pk,
IOUT = 30 mA, f = 1 kHz
PSRR
65
dB
Output Noise Voltage
f = 10 Hz to 100 kHz, IOUT = 30 mA,
VOUT = 1.2 V, VIN = 3.2 V
VN
65
mVrms
Low Output Nch Tr. On Resistance
VIN = 4 V, VCE = 0 V, D version only
RLOW
50
W


Similar Part No. - NCP4683

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4683DMU09TCG ONSEMI-NCP4683DMU09TCG Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP4683DMU12TCG ONSEMI-NCP4683DMU12TCG Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP4683DMU185TCG ONSEMI-NCP4683DMU185TCG Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP4683DMU18TCG ONSEMI-NCP4683DMU18TCG Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP4683DMU285TCG ONSEMI-NCP4683DMU285TCG Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results

Similar Description - NCP4683

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com