Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4632BDT08T5G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4632BDT08T5G
Description  3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4632BDT08T5G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4632BDT08T5G Datasheet HTML 1Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 2Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 3Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 4Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 5Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 6Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 7Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 8Page - ON Semiconductor NCP4632BDT08T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCP4632
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE (V)
Figure 3. Output Voltage vs. Input Voltage at
NCP4632xDT08
1 mA
10 mA
100 mA
1 A
2 A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Figure 4. Output Voltage vs. Input Voltage at
NCP4632xDT15
1 mA
10 mA
100 mA
1 A
2 A
3 A
INPUT VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
INPUT VOLTAGE (V)
Figure 5. Output Voltage vs. Input Voltage at
NCP4632xDT28
1 mA
10 mA
100 mA
1 A
2 A
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Figure 6. Output Voltage vs. Input Voltage at
NCP4632xDT33
INPUT VOLTAGE (V)
1 mA
10 mA
100 mA
1 A
2 A
INPUT VOLTAGE (V)
Figure 7. Quiescent Current vs. Input Voltage
at NCP4632xDT08
400
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
350
300
250
200
150
100
50
0
TA = 25°C
Iout = 0
Cin = Cout = 10 mF
400
350
300
250
200
150
100
50
0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Figure 8. Quiescent Current vs. Input Voltage
at NCP4632xDT15
INPUT VOLTAGE (V)
TA = 25°C
Iout = 0
Cin = Cout = 10 mF
450


Similar Part No. - NCP4632BDT08T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4632BDT08T5G ONSEMI-NCP4632BDT08T5G Datasheet
608Kb / 14P
   Low Voltage, Low Dropout Linear Voltage Regulator
February, 2017 ??Rev. 3
More results

Similar Description - NCP4632BDT08T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Sipex Corporation
SPX29300 SIPEX-SPX29300_06 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
   3A Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
   3A, Low Voltage Low Dropout Regulator
09/14/21
logo
Texas Instruments
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300 Datasheet
281Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com