Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2174 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA2174
Description  US Audio Multiplexing Decoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2174 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA2174 Datasheet HTML 3Page - Sony Corporation CXA2174 Datasheet HTML 4Page - Sony Corporation CXA2174 Datasheet HTML 5Page - Sony Corporation CXA2174 Datasheet HTML 6Page - Sony Corporation CXA2174 Datasheet HTML 7Page - Sony Corporation CXA2174 Datasheet HTML 8Page - Sony Corporation CXA2174 Datasheet HTML 9Page - Sony Corporation CXA2174 Datasheet HTML 10Page - Sony Corporation CXA2174 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
– 7 –
CXA2174S
NOISETC
3.0V
Set the time constant for the
noise detection circuit.
(Connect a 4.7µF capacitor
between this pin and GND.)
19
3k
3k
3.3k
4k
4V
Vcc
8k
× 2
10k
1k
2k
Vcc
200k
19
SAPOUT
VE
4.0V
4.0V
SAP FM detector output pin.
Variable de-emphasis
integrating pin.
(Connect a 2700pF capacitor
and a 3.3k
Ω resistor in series
between this pin and GND.)
20
22
VEWGT
4.0V
Weight the variable
de-emphasis control effective
value detection circuit.
(Connect a 0.047µF capacitor
and a 3k
Ω resistor in series
between this pin and GND.)
23
24k
↓ 10µ
580
Vcc
5P
580
4k
↓ 50µ
10k
147
20
Vcc
4V
36k
2.9V
580
147
580
8k
30k
↓ 8µ
4k
↓ 50µ
23
7.5k
147
VCC
22
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description


Similar Part No. - CXA2174

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2108 SONY-CXA2108 Datasheet
282Kb / 27P
   Constant-Current Driver for Full Color LED Display
CXA2108 SONY-CXA2108 Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
CXA2108AQ SONY-CXA2108AQ Datasheet
282Kb / 27P
   Constant-Current Driver for Full Color LED Display
CXA2108Q SONY-CXA2108Q Datasheet
288Kb / 28P
   Constant-Current Driver for Full Color LED Display
More results

Similar Description - CXA2174

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1784AS SONY-CXA1784AS Datasheet
724Kb / 38P
   US Audio Multiplexing Decoder
CXA1785AR SONY-CXA1785AR Datasheet
556Kb / 29P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com