Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1075STAT3G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1075STAT3G
Description  High-Voltage Switcher for Low Power Offline SMPS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1075STAT3G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1075STAT3G Datasheet HTML 2Page - ON Semiconductor NCP1075STAT3G Datasheet HTML 3Page - ON Semiconductor NCP1075STAT3G Datasheet HTML 4Page - ON Semiconductor NCP1075STAT3G Datasheet HTML 5Page - ON Semiconductor NCP1075STAT3G Datasheet HTML 6Page - ON Semiconductor NCP1075STAT3G Datasheet HTML 7Page - ON Semiconductor NCP1075STAT3G Datasheet HTML 8Page - ON Semiconductor NCP1075STAT3G Datasheet HTML 9Page - ON Semiconductor NCP1075STAT3G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NCP1072, NCP1075
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 8 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Pin
Rating
FREQUENCY FOLDBACK & SKIP
IFBfold
Start of frequency foldback feedback level
4
−68
mA
IFBfold(end) End of frequency foldback feedback level, Fsw = Fmin
4
−100
mA
Fmin
The frequency below which skip−cycle occurs
21
25
29
kHz
IFBskip
The feedback level to enter skip mode
4
−120
mA
Ifreeze
Internal minimum current setpoint (IFB = −90 mA) in NCP1072
88
mA
Ifreeze
Internal minimum current setpoint (IFB = −90 mA) in NCP1075
168
mA
RAMP COMPENSATION
Sa(65)
The internal ramp compensation in NCP1072 (65 kHz version)
4.2
kA/s
Sa(65)
The internal ramp compensation in NCP1075 (65 kHz version)
7.5
kA/s
Sa(100)
The internal ramp compensation in NCP1072 (100 kHz version)
6.5
kA/s
Sa(100)
The internal ramp compensation in NCP1075 (100 kHz version)
11.5
kA/s
Sa(130)
The internal ramp compensation in NCP1072 (130 kHz version) (Note 4)
8.4
kA/s
Sa(130)
The internal ramp compensation in NCP1075 (130 kHz version)
15
kA/s
PROTECTIONS
tSCP
Fault validation further to error flag assertion
40
53
ms
trecovery
OFF phase in fault mode
420
ms
IOVP
VCC clamp current at which the switcher stops pulsing
1
6.0
8.5
11
mA
tOVP
The filter of VCC OVP comparator
80
ms
VHV(EN)
The drain pin voltage above which allows MOSFET operate, which is
detected after TSD, UVLO, SCP, or VCC OVP mode.
5
72
91
110
V
TEMPERATURE MANAGEMENT
TSD
Temperature shutdown (Guaranteed by design)
150
°C
Hysteresis in shutdown (Guaranteed by design)
50
°C
3. The final switch current is: IIPK(0) / (Vin/LP + Sa) x Vin/LP + Vin/LP x tprop, with Sa the built−in slope compensation, Vin the input voltage, LP
the primary inductor in a flyback, and tprop the propagation delay..
4. NCP1072 130 kHz on demand only.
5. Oscillator frequency is measured with disabled jittering.


Similar Part No. - NCP1075STAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1075STAT3G ONSEMI-NCP1075STAT3G Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
More results

Similar Description - NCP1075STAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
NCV1060 ONSEMI-NCV1060 Datasheet
561Kb / 31P
   Automotive High-Voltage Switcher for Low Power Offline SMPS
May, 2018 ??Rev. 0
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com