Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP729 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP729
Description  200 mA Ultra-Low Noise Very-Low Iq, High PSRR, LDO Linear Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP729 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP729 Datasheet HTML 1Page - ON Semiconductor NCP729 Datasheet HTML 2Page - ON Semiconductor NCP729 Datasheet HTML 3Page - ON Semiconductor NCP729 Datasheet HTML 4Page - ON Semiconductor NCP729 Datasheet HTML 5Page - ON Semiconductor NCP729 Datasheet HTML 6Page - ON Semiconductor NCP729 Datasheet HTML 7Page - ON Semiconductor NCP729 Datasheet HTML 8Page - ON Semiconductor NCP729 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP729
http://onsemi.com
3
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, 4−bump CSP package
Thermal Resistance, Junction−to−Air (Note 3)
Thermal Resistance, Junction−to−Air (Note 4)
RqJA
90
157
°C/W
3. Specified according to JEDEC 51.7 4−Layer Board.
4. Single component mounted on 4−Layer Board, 480 mm2, Top Layer thickness: 1 oz, Cu Area: 100 mm2.
Table 4. ELECTRICAL CHARACTERISTICS −40°C ≤ TJ ≤ 125°C; VIN = VOUT(NOM) + 0.3 V or 2.0 V, whichever is greater; IOUT =
10 mA, CIN = COUT = 1 mF unless otherwise noted. Typical values are at TJ = +25°C. (Note 5)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VIN
2.0
5.5
V
Output Voltage Accuracy
VOUT + 0.3 V ≤ VIN ≤ 5.5 V
0 mA ≤ IOUT ≤ 200 mA
VOUT
−2
+2
%
Line Regulation
VOUT + 0.3 V ≤ VIN ≤ 5.5 V
RegLINE
150
mV/V
Load Regulation
IOUT = 0 mA to 200 mA
RegLOAD
2
mV/mA
Dropout Voltage (Note 6)
VDO = VIN – (VOUT(NOM) – 100 mV)
IOUT = 200 mA
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 2.6 V
VOUT = 2.8 V
VOUT = 2.85 V
VOUT = 3.0 V
VOUT = 3.3 V
VDO
170
100
90
80
80
70
65
220
140
130
120
120
110
100
mV
Quiescent Current
IOUT = 0 mA
IQ
35
50
mA
Ground Current
IOUT = 200 mA
VOUT < 1.8 V
VOUT ≥ 1.8 V
IGND
255
155
300
200
mA
Disable Current
VEN = 0 V
IDIS
0.3
1
mA
Output Current Limit
VOUT = VOUT(NOM) – 100 mV
IOUT
250
400
530
mA
Output Short Circuit Current
VOUT = 0 V
ISC
250
400
530
mA
EN Pin Threshold Voltage
High Threshold
Low Threshold
VEN Voltage increasing
VEN Voltage decreasing
VEN_HI
VEN_LO
0.9
0.4
V
EN Pin Input Current
VEN = 5.5 V
IEN
100
500
nA
Turn−on Time
VOUT = 0 V to 98% VOUT(NOM),
after assertion of the EN
tON
150
ms
Power Supply Rejection Ratio
VIN = 3.8 V, VOUT = 3.3 V
VPP = 100 mV
IOUT = 200 mA
f = 100 Hz
f = 1 kHz
f = 10 kHz
PSRR
74
72
56
dB
Output Noise Voltage
VOUT = 1.8 V, IOUT = 200 mA
f = 100 Hz to 100 kHz
VN
10
mVrms
Line Transient
VOUT + 0.3 V ≤ VIN ≤ VOUT + 1.3 V or
VOUT + 0.3 V ≤ VIN ≤ VOUT + 1.3 V in 1 ms
±20
mV
Load Transient
IOUT = 1 mA to 200 mA or
IOUT = 200 mA to 1 mA in 1 ms
DVOUT
±80
mV
Undervoltage Lock−out
VIN rising from 0 V to 5.5 V
UVLO
1.3
1.6
1.9
V
Thermal Shutdown Temperat-
ure
Temperature increasing from TJ = +25°C
TSD
165
°C
Thermal Shutdown Hysteresis
Temperature falling from TSD
TSDH
20
°C
5. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at TJ = TA =
25°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
6. Characterized when VOUT falls 100 mV below the regulated voltage at VIN = VOUT(NOM) + 0.3 V.


Similar Part No. - NCP729

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP729 ONSEMI-NCP729 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCP729FC08T2G ONSEMI-NCP729FC08T2G Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCP729FC18T2G ONSEMI-NCP729FC18T2G Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCP729FC25T2G ONSEMI-NCP729FC25T2G Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCP729FC26T2G ONSEMI-NCP729FC26T2G Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
More results

Similar Description - NCP729

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP729 ONSEMI-NCP729_13 Datasheet
683Kb / 13P
   200 mA Ultra-Low Noise Very-Low Iq, High PSRR LDO Linear Voltage Regulator
April, 2013 ??Rev. 2
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
   200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
NCP700C ONSEMI-NCP700C Datasheet
352Kb / 13P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
August, 2014 ??Rev. 1
NCV8570 ONSEMI-NCV8570 Datasheet
193Kb / 12P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
November, 2009 ??Rev. 3
NCP700B ONSEMI-NCP700B Datasheet
540Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
March, 2011 ??Rev. 0
NCP700B ONSEMI-NCP700B_13 Datasheet
619Kb / 21P
   200 mA, Ultra Low Noise, High PSRR, BiCMOS RF LDO Regulator
April, 2013 ??Rev. 2
logo
Texas Instruments
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com