Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2153 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA2153
Description  Preamplifier for High Resolution Computer Display
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2153 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA2153 Datasheet HTML 7Page - Sony Corporation CXA2153 Datasheet HTML 8Page - Sony Corporation CXA2153 Datasheet HTML 9Page - Sony Corporation CXA2153 Datasheet HTML 10Page - Sony Corporation CXA2153 Datasheet HTML 11Page - Sony Corporation CXA2153 Datasheet HTML 12Page - Sony Corporation CXA2153 Datasheet HTML 13Page - Sony Corporation CXA2153 Datasheet HTML 14Page - Sony Corporation CXA2153 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
– 11 –
CXA2153S
I2C BUS Logic System
High level input voltage
Low level input voltage
Low level output voltage
SDA during current inflow of 3mA
Maximum clock frequency
Minimum waiting time for data change
Minimum waiting time for data transfer start
Low level clock pulse width
High level clock pulse width
Minimum waiting time for start preparation
Minimum data hold time
Maximum data preparation time
Rise time
Fall time
Minimum waiting time for stop preparation
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VIH
VIL
VOL
fSCL
tBUF
tHD; STA
tLOW
tHIGH
tSU; STA
tHD; DAT
tSU; DAT
tR
tF
tSU; STO
3.0
0
0
0
1.3
0.6
1.3
0.6
0.6
0
100
0.6
5.0
1.5
0.4
400
900
1
300
V
V
V
kHz
µs
µs
µs
µs
µs
ns
ns
µs
ns
µs
No.
Item
Symbol
Min.
Typ.
Max.
Unit


Similar Part No. - CXA2153

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2150AQ SONY-CXA2150AQ Datasheet
1,014Kb / 90P
   CRT DRIVER
More results

Similar Description - CXA2153

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2066S SONY-CXA2066S Datasheet
196Kb / 21P
   Preamplifier for High Resolution Computer Display
CXA2067AS SONY-CXA2067AS Datasheet
211Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1779P SONY-CXA1779P Datasheet
147Kb / 10P
   Predriver for High Resolution Computer Displays
logo
Aven, Inc.
26700-401 AVEN-26700-401 Datasheet
2Mb / 1P
   High Resolution Inspection, No Computer Required.
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
   HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com