Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8460A Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV8460A
Description  Self Protected High Side Driver with Temperature Shutdown and Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8460A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV8460A Datasheet HTML 4Page - ON Semiconductor NCV8460A Datasheet HTML 5Page - ON Semiconductor NCV8460A Datasheet HTML 6Page - ON Semiconductor NCV8460A Datasheet HTML 7Page - ON Semiconductor NCV8460A Datasheet HTML 8Page - ON Semiconductor NCV8460A Datasheet HTML 9Page - ON Semiconductor NCV8460A Datasheet HTML 10Page - ON Semiconductor NCV8460A Datasheet HTML 11Page - ON Semiconductor NCV8460A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCV8460A
http://onsemi.com
8
TYPICAL CHARACTERISTICS CURVES
1
1.5
2
2.5
3
3.5
4
TEMPERATURE (°C)
−50
0
50
100
150
Figure 11. Vin Threshold Low vs. Temperature
1
2
3
4
5
6
7
8
9
10
−50
0
50
100
150
TEMPERATURE (°C)
Figure 12. Input Current vs. Temperature
Iin @ 1.25 V
Iin @ 3.25 V
Iin @ 5 V
10
10.5
11
11.5
12
12.5
13
13.5
14
TEMPERATURE (°C)
Figure 13. Input Clamp Voltage (Positive) vs.
Temperature
−50
0
50
100
150
−10
−10.5
−11
−11.5
−12
−12.5
−13
−13.5
−14
−50
0
50
100
150
TEMPERATURE (°C)
Figure 14. Input Clamp Voltage (Negative) vs.
Temperature
0
10
20
30
40
50
60
70
80
90
0
10203040
VD (V)
Figure 15. Turn On Time vs. VD
−40°C
25°C
150°C
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
−40°C
25°C
150°C
VD (V)
Figure 16. Turn Off Time vs. VD


Similar Part No. - NCV8460A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8460A ONSEMI-NCV8460A Datasheet
119Kb / 16P
   Self Protected High Side Driver
March, 2016 ??Rev. 6
NCV8460ADR2G ONSEMI-NCV8460ADR2G Datasheet
119Kb / 16P
   Self Protected High Side Driver
March, 2016 ??Rev. 6
NCV8460A ONSEMI-NCV8460A_16 Datasheet
119Kb / 16P
   Self Protected High Side Driver
March, 2016 ??Rev. 6
More results

Similar Description - NCV8460A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8460 ONSEMI-NCV8460 Datasheet
158Kb / 16P
   Self Protected High Side Driver with Temperature Shutdown and Current Limit
April, 2011 ??Rev. 0
NCV8461-D ONSEMI-NCV8461-D Datasheet
117Kb / 7P
   Self Protected High Side Driver with Temperature Shutdown and Current Limit
December, 2012 ??Rev. 0
NCV8450 ONSEMI-NCV8450 Datasheet
153Kb / 9P
   Self-Protected High Side Driver with Temperature and Current Limit
February, 2010 ??Rev. 2
NCV8450 ONSEMI-NCV8450_V01 Datasheet
176Kb / 9P
   Self-Protected High Side Driver with Temperature and Current Limit
October, 2018 - Rev. 6
NCV8450ASTT3G ONSEMI-NCV8450ASTT3G Datasheet
126Kb / 9P
   Self-Protected High Side Driver with Temperature and Current Limit
April, 2012 ??Rev. 3
NCV8402ASTT3G ONSEMI-NCV8402ASTT3G Datasheet
128Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2012 ??Rev. 8
NCV8405 ONSEMI-NCV8405 Datasheet
164Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
December, 2009 ??Rev. P0
NCV8406ASTT1G ONSEMI-NCV8406ASTT1G Datasheet
147Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
November, 2011 ??Rev. 2
NCV8405ADTRKG ONSEMI-NCV8405ADTRKG Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8401 ONSEMI-NCV8401 Datasheet
156Kb / 10P
   Self-Protected Low Side Driver with Temperature and Current Limit
February, 2010 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com