Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1611ADR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1611ADR2G
Description  Enhanced, High-Efficiency Power Factor Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1611ADR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1611ADR2G Datasheet HTML 1Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 2Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 3Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 4Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 5Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1611ADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© Semiconductor Components Industries, LLC, 2011
December, 2011 − Rev. 1
1
Publication Order Number:
NCP1611/D
NCP1611
Enhanced, High-Efficiency
Power Factor Controller
The NCP1611 is designed to drive PFC boost stages based on an
innovative Current Controlled Frequency Fold−back (CCFF)
method. In this mode, the circuit classically operates in Critical
conduction Mode (CrM) when the inductor current exceeds a
programmable value. When the current is below this preset level, the
NCP1611 linearly decays the frequency down to about 20 kHz when
the current is null. CCFF maximizes the efficiency at both nominal
and light load. In particular, the stand−by losses are reduced to a
minimum.
Like in FCCrM controllers, internal circuitry allows near−unity
power factor even when the switching frequency is reduced. Housed in
a SO−8 package, the circuit also incorporates the features necessary
for robust and compact PFC stages, with few external components.
Features
Near−Unity Power Factor
Critical Conduction Mode (CrM)
Current Controlled Frequency Fold−back (CCFF): Low Frequency
Operation is Forced at Low Current Levels
On−time Modulation to Maintain a Proper Current Shaping in CCFF
Mode
Skip Mode Near the Line Zero Crossing
Fast Line / Load Transient Compensation (Dynamic Response
Enhancer)
Valley Turn on
High Drive Capability: −500 mA / +800 mA
VCC Range: from 9.5 V to 35 V
Low Start−up Consumption
A Version: Low VCC Start−up Level (10.5 V), B Version: High VCC
Start−up level (17.0 V)
Line Range Detection
This is a Pb−Free Device
Safety Features
Non−latching, Over−Voltage Protection
Brown−Out Detection
Soft−Start for Smooth Start−up Operation (A version)
Over Current Limitation
Disable Protection if the Feedback Pin is Not Connected
Thermal Shutdown
Low Duty−Cycle Operation if the Bypass Diode is
Shorted
Open Ground Pin Fault Monitoring
Typical Applications
PC Power Supplies
All Off Line Appliances Requiring Power Factor
Correction
SOIC−8
CASE 751
SUFFIX D
PIN CONNECTIONS
MARKING
DIAGRAM
(Top View)
http://onsemi.com
1
8
NCP1611x = Specific Device Code
x = A or B
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NCP1611x
ALYW
G
1
8
See detailed ordering and shipping information in the package
dimensions section on page 27 of this data sheet.
ORDERING INFORMATION
Feedback
VCC
DRV
GND
Vcontrol
Vsense
FFcontrol
CS/ZCD
1


Similar Part No. - NCP1611ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1611ADR2G ONSEMI-NCP1611ADR2G Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
More results

Similar Description - NCP1611ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1611 ONSEMI-NCP1611_15 Datasheet
813Kb / 29P
   Enhanced, High-Efficiency Power Factor Controller
January, 2015 ??Rev. 4
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com