Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCN49597 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCN49597
Description  Power Line Carrier Modem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN49597 Datasheet(HTML) 2 Page - ON Semiconductor

  NCN49597 Datasheet HTML 1Page - ON Semiconductor NCN49597 Datasheet HTML 2Page - ON Semiconductor NCN49597 Datasheet HTML 3Page - ON Semiconductor NCN49597 Datasheet HTML 4Page - ON Semiconductor NCN49597 Datasheet HTML 5Page - ON Semiconductor NCN49597 Datasheet HTML 6Page - ON Semiconductor NCN49597 Datasheet HTML 7Page - ON Semiconductor NCN49597 Datasheet HTML 8Page - ON Semiconductor NCN49597 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
NCN49597
http://onsemi.com
2
APPLICATION
Application Example
PC201 11120 .1
TX_OUT
NCN49597
TX_ENB
ZC_IN
REF_OUT
RX_IN
RX_OUT
Appli
&
Metering
mC
TXD
RXD
BR0
BR1
RESB
T_REQ
3V3_A
3V3_D
1:2
C1
R1
C2
R2
CDREF
C16
C17
3V3_A
D5
D1
D2
D3
D4
R12
C11
C12
R14
C15
C14
Y1
NCS5650
C3
C4
C6
C7
R6
R5
R4
R7
R9
R10
2
Vcom
+B
−B
+A
−A
OutA
OutB 8
9
13
12
5
4
3
1
6
7
VCC
10
11
VEE
Vuc
19
15
14
20
GNDuC
Rlim
Vwarn
3V3_D
12V
R11
C5
C10
C9
12V
R3
MAINS
Tr
C8
C13
U1
U2
3V3_D
VDD1V8
R8
SEN
EXT_CLK_E
Figure 1. Typical Application for the NCN49597S−FSK Modem
Figure 1 shows an S−FSK PLC modem build around
NCN49597. For synchronization the line frequency is
coupled in via a 1 M
W resistor. The Schottky diode pair D5
clamps the voltage within the input range of the zero cross
detector. In the receive path a 2nd order high pass filter
blocks the mains frequency. The corner point defined by C1,
C2, R1 and R2 is designed at 10 kHz. In the transmit path a
3th order low pass filter build around the NCS5650 power
operational amplifier suppresses the 2nd and 3rd harmonics
to be in line with the CENELEC EN 50065−1 specification.
The filter components are tuned for a space and mark
frequency of 63.3 and 74 kHz respectively. The output of the
amplifier is coupled via a DC blocking capacitor C10 to a 2:1
pulse transformer Tr. The secondary of this transformer is
coupled to the mains via a high voltage capacitor C11. High
energetic transients from the mains are clamped by the
protection diode combination D3, D4 together with D1, D2.
Because the mains is not galvanic isolated care needs to be
taken when interfacing to a microcontroller or a PC!
Table 1. EXTERNAL COMPONENTS LIST AND DESCRIPTION
Component
Function − Remark
Typ Value
Tolerance
Unit
C1, C2
High pass receive filter
1.5
±10%
nF
C5, CDREF
VREF_OUT ; VREF_OUT decoupling cap − ceramic
1
−20 +80%
mF
C7, C9, C16, C17
Decoupling block capacitor
100
−20 +80%
nF
C3
TX_OUT coupling capacitor
470
±20%
nF
C4
Low pass transmit filter
470
±10%
pF
C6
Low pass transmit filter
68
±10%
pF
C8
Low pass transmit filter
3
±10%
pF
C10
TX coupling cap; 1 A rms ripple @ 70 kHz
10
±20%
mF


Similar Part No. - NCN49597

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597 Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49597 ONSEMI-NCN49597 Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
NCN49597MNRG ONSEMI-NCN49597MNRG Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
More results

Similar Description - NCN49597

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-49587_P2 ONSEMI-AMIS-49587_P2 Datasheet
730Kb / 55P
   Power Line Carrier Modem
December, 2009 -- Rev. P2
NCN49599 ONSEMI-NCN49599 Datasheet
425Kb / 39P
   Power Line Carrier Modem
March, 2013 ??Rev. P0
AMIS-49587 ONSEMI-AMIS-49587_15 Datasheet
371Kb / 56P
   Power Line Carrier Modem
December, 2015 ??Rev. 2
AMIS-49587 ONSEMI-AMIS-49587 Datasheet
475Kb / 59P
   Power Line Carrier Modem
June, 2009 ??Rev. P0
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
   Power line modem
April 15 1992
logo
ON Semiconductor
MC68194 ONSEMI-MC68194 Datasheet
361Kb / 24P
   Carrier Band Modem(CBM)
February, 2000 ??Rev. 6
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
   Power Line Communication Modem
January, 2017 ??Rev. P5
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49597 ONSEMI-NCN49597_17 Datasheet
297Kb / 30P
   Power Line Communication Modem
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com