Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30002DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCL30002DR2G
Description  Power Factor Corrected Buck LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30002DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCL30002DR2G Datasheet HTML 1Page - ON Semiconductor NCL30002DR2G Datasheet HTML 2Page - ON Semiconductor NCL30002DR2G Datasheet HTML 3Page - ON Semiconductor NCL30002DR2G Datasheet HTML 4Page - ON Semiconductor NCL30002DR2G Datasheet HTML 5Page - ON Semiconductor NCL30002DR2G Datasheet HTML 6Page - ON Semiconductor NCL30002DR2G Datasheet HTML 7Page - ON Semiconductor NCL30002DR2G Datasheet HTML 8Page - ON Semiconductor NCL30002DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© Semiconductor Components Industries, LLC, 2012
March, 2012 − Rev. 0
1
Publication Order Number:
NCL30002/D
NCL30002
Power Factor Corrected
Buck LED Driver
The NCL30002 is a switch mode power supply controller intended
for low to medium power single stage power factor (PF) corrected
LED Drivers. The device operates as a critical conduction mode
(CrM) buck controller to regulate LED current at a high power factor
for a specific line voltage range. The current limit threshold is tightly
trimmed allowing open loop control techniques to reduce parts count
while maintaining accurate current regulation and high power factor.
CrM operation is particularly suited for LED applications as very high
efficiency can be achieved even at low power levels. These are
important in LED lighting to comply with regulatory requirements and
meet overall system luminous efficacy requirements. In CrM, the
switching frequency will vary with line and load. Switching losses are
low as recovery losses in the output rectifier are negligible since the
current goes to zero prior to reactivating the main MOSFET switch.
The device features a programmable on time limiter, zero current
detect sense block, gate driver, trans−conductance error amplifier as
well as all PWM control circuitry and protection functions required to
implement a CrM switch mode power supply. Moreover, for high
efficiency, the device features low startup current enabling fast, low
loss charging of the VCC capacitor. The current sense protection
threshold has been set at 485 mV to minimize power dissipation in the
external sense resistor. To support the environmental operation range
of Solid State Lighting, the device is specified across a wide junction
temperature range of −40
°C to 125°C.
Features
Very Low 24 mA Typical Startup Current
Cycle−by−Cycle Current Protection
Tightly Trimmed Low Current Sense Threshold of 485 mV ±2%
Low 2 mA Typical Operating Current
Source 500 mA / Sink 800 mA Totem Pole Gate Driver
Wide Operating Temperature Range
Enable Function and Overvoltage Protection
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
LED Driver Power Supplies
LED Based Bulbs
Commercial and Residential LED Fixtures
http://onsemi.com
SOIC−8
D SUFFIX
CASE 751
MARKING
DIAGRAM
PIN CONNECTION
1
8
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
L0002
ALYW
G
1
8
MFP
Comp
Ct
CS
VCC
DRV
GND
ZCD
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NCL30002DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel


Similar Part No. - NCL30002DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30000DR2G ONSEMI-NCL30000DR2G Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30000DR2G ONSEMI-NCL30000DR2G Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
More results

Similar Description - NCL30002DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30000 ONSEMI-NCL30000 Datasheet
274Kb / 23P
   Power Factor Corrected Dimmable LED Driver
December, 2009 ??Rev. 0
NCL30486 ONSEMI-NCL30486 Datasheet
290Kb / 29P
   Dimmable Power Factor Corrected LED Driver
August, 2020 ??Rev. 0
NCL30000 ONSEMI-NCL30000_12 Datasheet
274Kb / 22P
   Power Factor Corrected Dimmable LED Driver
September, 2012 ??Rev. 1
logo
Sanken electric
LC5555LD SANKEN-LC5555LD Datasheet
267Kb / 11P
   Single-Stage Power Factor Corrected High Efficiency Non-Isolated Buck LED Driver
logo
SL Power Electronics
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
logo
Power Integrations, Inc...
DI-67 POWERINT-DI-67 Datasheet
74Kb / 2P
   Isolated, Power Factor Corrected (PFC), 17 W LED Driver
logo
ON Semiconductor
NCL30488 ONSEMI-NCL30488 Datasheet
259Kb / 22P
   Power Factor Corrected LED Driver with Primary Side CC/CV
August, 2020 ??Rev. 0
NCL30386 ONSEMI-NCL30386 Datasheet
317Kb / 21P
   Dimmable Power Factor Corrected LED Driver Featuring Primary Side CC
April, 2018 ??Rev. P2
NCL30488 ONSEMI-NCL30488_V01 Datasheet
339Kb / 24P
   Power Factor Corrected LED Driver with Primary Side CC/CV
May, 2021 ??Rev. 2
NCL30095A ONSEMI-NCL30095A Datasheet
321Kb / 22P
   Power Factor Corrected LED Boost Switching Regulator
September, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com