Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N511DR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3N511DR2G
Description  3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N511DR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NB3N511DR2G Datasheet HTML 1Page - ON Semiconductor NB3N511DR2G Datasheet HTML 2Page - ON Semiconductor NB3N511DR2G Datasheet HTML 3Page - ON Semiconductor NB3N511DR2G Datasheet HTML 4Page - ON Semiconductor NB3N511DR2G Datasheet HTML 5Page - ON Semiconductor NB3N511DR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NB3N511
http://onsemi.com
4
Table 6. DC CHARACTERISTICS VDD = 3.3 V ±10% or 5.0 V ± 5% unless otherwise noted, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
VDD
Operating Voltage
VDD = 5 V
VDD = 3.3 V
4.75
3.0
5.25
3.6
V
IDD
Power Supply Current – Inputs and outputs open, CLKOUT operating
at 100 MHz (with 20 MHz crystal)
VDD = 5 V
VDD = 3.3 V
9
8
mA
VOH
Output HIGH Voltage IOH = −4 mA CMOS High
VDD − 0.4
V
VOH
Output HIGH Voltage IOH = −25 mA TTL High
2.4
V
VOL
Output LOW Voltage IOL = 25 mA
0.4
V
VIH
Input HIGH Voltage, ICLK only (pin 1)
VDD = 5 V
VDD = 3.3 V
(VDD / 2) + 1
(VDD / 2) + 0.7
V
VIL
Input LOW Voltage, ICLK only (pin 1)
VDD = 5 V
VDD = 3.3 V
(VDD / 2) − 1
(VDD / 2) − 0.7
V
VIH
Input HIGH Voltage, S0, S1
VDD − 0.5
V
VIL
Input LOW Voltage, S0, S1
0.5
V
VIH
Input HIGH Voltage, OE (pin 7)
2.0
V
VIL
Input LOW Voltage, OE (pin 7)
0.8
V
Cin
Input Capacitance, S0, S1 and OE
4
pF
ISC
Output Short Circuit Current, CLKOUT
±70
mA
Nominal Output Impedance
20
W
Table 7. AC CHARACTERISTICS VDD = 3.3 V ±10% or 5.0 V ± 5% unless otherwise noted, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
fXtal
Crystal Input Frequency (Note 3)
5
32
MHz
fCLKIN
Clock Input Frequency
1
50
MHz
fOUT
Output Frequency Range fOUTMIN ≤ fIN x Multiplier ≤ fOUTMAX
VDD = 4.25 to 5.25 V (5.0 V ± 5%)
VDD = 3.0 to 3.6 V (3.3 V ± 10%)
14
14
200
200
MHz
DC
Output Clock Duty Cycle at 1.5 V
45
50
55
%
OEH
Output enable time, OE high to output on
50
ns
OEL
Output disable time, OE low to tri−state
50
ns
tjitter (rms)
Period Jitter (rms, 1 s)
25
ps
tjitter (pk−to−pk)
Total Period Jitter, (peak−to−peak)
±70
ps
tr/tf
Output rise/fall time (0.8 V to 2.0 V) (measured with 15 pF load)
1
1.5
ns
3. The crystal should be fundamental mode, parallel resonant. Do not use third overtone. For exact tuning when using a crystal, capacitors
should be connected from pins X1/CLK to GND and X2 to GND. The value of these capacitors is given by the following equation, where
CL is the specified crystal load capacitance: Crystal capacitance (pF) = (CL − 5) X 2. So, for a crystal with 16 pF load capacitance, use
two 22 pF capacitors.


Similar Part No. - NB3N511DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N511DR2G ONSEMI-NB3N511DR2G Datasheet
110Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
November, 2013 ??Rev. 4
More results

Similar Description - NB3N511DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N511 ONSEMI-NB3N511_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
November, 2013 ??Rev. 4
NB3N501 ONSEMI-NB3N501_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
November, 2013 ??Rev. 2
NB3N501 ONSEMI-NB3N501 Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
NB3N502 ONSEMI-NB3N502 Datasheet
59Kb / 5P
   14 MHz to 190 MHz PLL Clock Multiplier
March, 2006 ??Rev. 0
NB3N502 ONSEMI-NB3N502_12 Datasheet
139Kb / 5P
   14 MHz to 190 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
logo
Analog Devices
ADF4001 AD-ADF4001_15 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001_03 Datasheet
860Kb / 17P
   200 MHz Clock Generator PLL
REV. B
ADF4001 AD-ADF4001 Datasheet
190Kb / 16P
   200 MHz Clock Generator PLL
REV. 0
logo
List of Unclassifed Man...
NB4N507A ETC-NB4N507A Datasheet
131Kb / 7P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
logo
ON Semiconductor
NB4N507A ONSEMI-NB4N507A_09 Datasheet
134Kb / 8P
   3.3V/5V, 50 MHz to 200 MHz PECL Clock Synthesizer
September, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com