Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114TE Datasheet(PDF) 5 Page - ON Semiconductor

Part # DTC114TE
Description  Digital Transistors (BRT) R1 = 10 k, R2 =  k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC114TE Datasheet(HTML) 5 Page - ON Semiconductor

  DTC114TE Datasheet HTML 1Page - ON Semiconductor DTC114TE Datasheet HTML 2Page - ON Semiconductor DTC114TE Datasheet HTML 3Page - ON Semiconductor DTC114TE Datasheet HTML 4Page - ON Semiconductor DTC114TE Datasheet HTML 5Page - ON Semiconductor DTC114TE Datasheet HTML 6Page - ON Semiconductor DTC114TE Datasheet HTML 7Page - ON Semiconductor DTC114TE Datasheet HTML 8Page - ON Semiconductor DTC114TE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUN2215, MMUN2215L, MUN5215, DTC114TE, DTC114TM3, NSBC114TF3
http://onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2215, MMUN2215L, MUN5215, DTC114TE, DTC114TM3
75°C
25°C
−25°C
Figure 2. VCE(sat) vs. IC
Figure 3. DC Current Gain
Figure 4. Output Capacitance
Figure 5. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
Figure 6. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
0.01
0.01
0.1
30
VR, REVERSE VOLTAGE (V)
3.6
1.2
45
50
40
30
20
10
0
0
0.4
0.8
1.6
3.2
35
25
15
5
2.8
2.4
2.0
f = 10 kHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V


Similar Part No. - DTC114TE

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DTC114TE MOTOROLA-DTC114TE Datasheet
91Kb / 4P
   CASE 463-01, STYLE 1 SOT-416/SC-90
logo
WILLAS ELECTRONIC CORP
DTC114TE WILLAS-DTC114TE Datasheet
299Kb / 2P
   NPN Digital Transistor
logo
Shanghai Leiditech Elec...
DTC114TE LEIDITECH-DTC114TE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Rohm
DTC114TE ROHM-DTC114TE Datasheet
103Kb / 4P
   Digital transistors (built in resistor)
DTC114TE ROHM-DTC114TE Datasheet
527Kb / 10P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com