Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114EET1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # DTA114EET1G
Description  Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA114EET1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button DTA114EET1G Datasheet HTML 2Page - ON Semiconductor DTA114EET1G Datasheet HTML 3Page - ON Semiconductor DTA114EET1G Datasheet HTML 4Page - ON Semiconductor DTA114EET1G Datasheet HTML 5Page - ON Semiconductor DTA114EET1G Datasheet HTML 6Page - ON Semiconductor DTA114EET1G Datasheet HTML 7Page - ON Semiconductor DTA114EET1G Datasheet HTML 8Page - ON Semiconductor DTA114EET1G Datasheet HTML 9Page - ON Semiconductor DTA114EET1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MUN2111, MMUN2111L, MUN5111, DTA114EE, DTA114EM3, NSBA114EF3
http://onsemi.com
6
TYPICAL CHARACTERISTICS − NSBA114EF3
Figure 7. VCE(sat) vs. IC
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
40
30
20
50
10
0
0.01
0.1
1
100
10
0.1
1
10
100
1000
Figure 9. Output Capacitance
Figure 10. Output Current vs. Input Voltage
VR, REVERSE VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
50
40
30
20
10
0
0
1
2
3
4
6
7
6
58
4
3
2
1
0
0.1
1
10
100
Figure 11. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
40
30
50
20
10
0
0.1
1
10
100
IC/IB = 10
150°C
−55°C
25°C
VCE = 10 V
150°C
−55°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150°C
−55°C
25°C
VO = 0.2 V
150°C
−55°C
25°C
0.01
5
7
1


Similar Part No. - DTA114EET1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA114EET1G ONSEMI-DTA114EET1G Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA114EET1G ONSEMI-DTA114EET1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k PNP Transistors with Monolithic Bias Resistor Network
December, 2013 ??Rev. 7
DTA114EET1G ONSEMI-DTA114EET1G Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 8
DTA114EET1G ONSEMI-DTA114EET1G Datasheet
108Kb / 12P
   Digital Transistors (BRT)
July, 2018 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com