Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSVMUN5131T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSVMUN5131T1G
Description  Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVMUN5131T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NSVMUN5131T1G Datasheet HTML 1Page - ON Semiconductor NSVMUN5131T1G Datasheet HTML 2Page - ON Semiconductor NSVMUN5131T1G Datasheet HTML 3Page - ON Semiconductor NSVMUN5131T1G Datasheet HTML 4Page - ON Semiconductor NSVMUN5131T1G Datasheet HTML 5Page - ON Semiconductor NSVMUN5131T1G Datasheet HTML 6Page - ON Semiconductor NSVMUN5131T1G Datasheet HTML 7Page - ON Semiconductor NSVMUN5131T1G Datasheet HTML 8Page - ON Semiconductor NSVMUN5131T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MUN2131, MMUN2131L, MUN5131, DTA123EE, DTA123EM3
http://onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2131, MMUN2131L, MUN5131, DTA123EE, DTA123EM3
Figure 2. VCE(sat) vs. IC
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
40
30
20
50
10
0
0.01
0.1
1
100
10
0.1
0.1
10
100
1000
Figure 4. Output Capacitance
Figure 5. Output Current vs. Input Voltage
VR, REVERSE VOLTAGE (V)
Vin, INPUT VOLTAGE (V)
50
40
30
20
10
0
0
1
2
3
4
6
10
4
3
2
1
0
0.1
1
10
100
Figure 6. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
40
30
50
20
10
0
0.1
1
10
100
IC/IB = 10
150°C
−55°C
25°C
VCE = 10 V
150°C
−55°C
25°C
f = 10 kHz
IE = 0 A
TA = 25°C
VO = 5 V
150°C
−55°C
25°C
VO = 0.2 V
150°C
−55°C
25°C
5
1
1
7
8
9


Similar Part No. - NSVMUN5131T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVMUN5131T1G ONSEMI-NSVMUN5131T1G Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
NSVMUN5131T1G ONSEMI-NSVMUN5131T1G Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com