Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5254BT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMSZ5254BT1G
Description  Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ5254BT1G Datasheet(HTML) 3 Page - ON Semiconductor

  MMSZ5254BT1G Datasheet HTML 1Page - ON Semiconductor MMSZ5254BT1G Datasheet HTML 2Page - ON Semiconductor MMSZ5254BT1G Datasheet HTML 3Page - ON Semiconductor MMSZ5254BT1G Datasheet HTML 4Page - ON Semiconductor MMSZ5254BT1G Datasheet HTML 5Page - ON Semiconductor MMSZ5254BT1G Datasheet HTML 6Page - ON Semiconductor MMSZ5254BT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMSZ52xxxT1G Series, SZMMSZ52xxxT1G Series
http://onsemi.com
3
5% TOLERANCE FG ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Device
Marking
Zener Voltage (Notes 3 and 4)
Zener Impedance (Note 5)
Leakage Cur-
rent
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
Volts
MMSZ5221BT1G
C1
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMSZ5222BT1G
C2
2.38
2.5
2.63
20
30
1250
0.25
100
1
MMSZ5223BT1G
C3
2.57
2.7
2.84
20
30
1300
0.25
75
1
MMSZ5224BT1G
C4
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMSZ5225BT1G
C5
2.85
3.0
3.15
20
29
1600
0.25
50
1
MMSZ5226BT1G
D1
3.14
3.3
3.47
20
28
1600
0.25
25
1
MMSZ5227BT1G
D2
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMSZ5228BT1G
D3
3.71
3.9
4.10
20
23
1900
0.25
10
1
MMSZ5229BT1G
D4
4.09
4.3
4.52
20
22
2000
0.25
5
1
MMSZ5230BT1G
D5
4.47
4.7
4.94
20
19
1900
0.25
5
2
MMSZ5231BT1G
E1
4.85
5.1
5.36
20
17
1600
0.25
5
2
MMSZ5232BT1G
E2
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMSZ5233BT1G
E3
5.70
6.0
6.30
20
7
1600
0.25
5
3.5
MMSZ5234BT1G
E4
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMSZ5235BT1G
E5
6.46
6.8
7.14
20
5
750
0.25
3
5
MMSZ5236BT1G
F1
7.13
7.5
7.88
20
6
500
0.25
3
6
MMSZ5237BT1G
F2
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMSZ5238BT1G
F3
8.27
8.7
9.14
20
8
600
0.25
3
6.5
MMSZ5239BT1G
F4
8.65
9.1
9.56
20
10
600
0.25
3
7
MMSZ5240BT1G
F5
9.50
10
10.50
20
17
600
0.25
3
8
MMSZ5241BT1G
H1
10.45
11
11.55
20
22
600
0.25
2
8.4
MMSZ5242BT1G/T3G
H2
11.40
12
12.60
20
30
600
0.25
1
9.1
MMSZ5243BT1G
H3
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMSZ5244BT1G
H4
13.30
14
14.70
9.0
15
600
0.25
0.1
10
MMSZ5245BT1G
H5
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMSZ5246BT1G
J1
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMSZ5247BT1G
J2
16.15
17
17.85
7.4
19
600
0.25
0.1
13
MMSZ5248BT1G
J3
17.10
18
18.90
7.0
21
600
0.25
0.1
14
MMSZ5249BT1G
J4
18.05
19
19.95
6.6
23
600
0.25
0.1
14
MMSZ5250BT1G
J5
19.00
20
21.00
6.2
25
600
0.25
0.1
15
MMSZ5251BT1G
K1
20.90
22
23.10
5.6
29
600
0.25
0.1
17
MMSZ5252BT1G
K2
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMSZ5253BT1G
K3
23.75
25
26.25
5.0
35
600
0.25
0.1
19
MMSZ5254BT1G
K4
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMSZ5255BT1G
K5
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMSZ5256BT1G
M1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMSZ5257BT1G
M2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMSZ5258BT1G/T3G
M3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMSZ5259BT1G
M4
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MMSZ5260BT1G
M5
40.85
43
45.15
3.0
93
900
0.25
0.1
33
MMSZ5261BT1G
N1
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MMSZ5262BT1G
N2
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MMSZ5263BT1G
N3
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMSZ5264BT1G
N4
57.00
60
63.00
2.1
170
1400
0.25
0.1
46
MMSZ5265BT1G
N5
58.90
62
65.10
2.0
185
1400
0.25
0.1
47
MMSZ5266BT1G
P1
64.60
68
71.40
1.8
230
1600
0.25
0.1
52
MMSZ5267BT1G
P2
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
MMSZ5268BT1G
P3
77.90
82
86.10
1.5
330
2000
0.25
0.1
62
MMSZ5269BT1G
P4
82.65
87
91.35
1.4
370
2200
0.25
0.1
68
MMSZ5270BT1G
P5
86.45
91
95.55
1.4
400
2300
0.25
0.1
69
MMSZ5272BT1G
R2
104.5
110
115.5
1.1
750
3000
0.25
0.1
84
3. “B” Suffix Type numbers shown have a standard tolerance of ±5% on the nominal Zener voltages.
4. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30°C ±1°C.
5. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the ac current applied.
The specified limits are for IZ(AC) = 0.1 IZ(dc) with the AC frequency = 1 kHz.
*Include SZ-prefix devices where applicable.


Similar Part No. - MMSZ5254BT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ5254BT1G ONSEMI-MMSZ5254BT1G Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
MMSZ5254BT1G ONSEMI-MMSZ5254BT1G Datasheet
76Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 7
MMSZ5254BT1G ONSEMI-MMSZ5254BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ5254BT1G ONSEMI-MMSZ5254BT1G Datasheet
90Kb / 7P
   Zener Voltage Regulators
March, 2015 ??Rev. 14
More results

Similar Description - MMSZ5254BT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com