Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBVW020A0B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EBVW020A0B
Description  36-75Vdc Input; 12Vdc Output; 20A Output Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBVW020A0B Datasheet(HTML) 3 Page - Vishay Siliconix

  EBVW020A0B Datasheet HTML 1Page - Vishay Siliconix EBVW020A0B Datasheet HTML 2Page - Vishay Siliconix EBVW020A0B Datasheet HTML 3Page - Vishay Siliconix EBVW020A0B Datasheet HTML 4Page - Vishay Siliconix EBVW020A0B Datasheet HTML 5Page - Vishay Siliconix EBVW020A0B Datasheet HTML 6Page - Vishay Siliconix EBVW020A0B Datasheet HTML 7Page - Vishay Siliconix EBVW020A0B Datasheet HTML 8Page - Vishay Siliconix EBVW020A0B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
June 27, 2012
EBVW020A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 20A Output Current
LINEAGE POWER
3
Electrical Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set-point
(VIN=VIN,nom, IO=10A, TA =25°C)
All
VO, set
11.97
12.00
12.03
Vdc
Output Voltage
(Over all operating input voltage(40V to 75V), resistive
load, and temperature conditions until end of life)
All w/o -P
VO
11.76
12.24
Vdc
-P Option
VO
11.63
12.37
Vdc
Output Voltage (VIN=36V, TA = 25ºC)
All
VO
10.8
Vdc
Output Regulation (VIN, min=40V)
Line (VIN=VIN, min to VIN, max)
All w/o -P
0.2
% VO, set
Load (IO=IO, min to IO, max)
All w/o -P
0.2
% VO, set
Line (VIN=VIN, min to VIN, max)
-P Option
0.5
% VO, set
Load (IO=IO, min to IO, max), Intentional Droop
-P Option
0.50
Vdc
Temperature (TA = -40ºC to +85ºC)
All
2
% VO, set
Output Ripple and Noise on nominal output
(VIN=VIN, nom and IO=IO, min to IO, max, tested with a 1.0 μF
ceramic, 10 μF aluminum and 220μF polymer
capacitor across the load.)
RMS (5Hz to 20MHz bandwidth)
All
70
mVrms
Peak-to-Peak (5Hz to 20MHz bandwidth)
All
200
mVpk-pk
External Output Capacitance
All
CO
220
10,000
μF
Output Current
All
Io
0
20
Adc
Output Current Limit Inception
All
IO, lim
23
Adc
Efficiency (VIN=VIN, nom, VO= VO,set, TA=25°C)
IO= 100% IO, max
All
η
95.2
%
IO= 55% - 90% IO, max
All
η
95.4
%
Switching Frequency (primary MOSFETs)
(Output Ripple 2X switching frequency)
fsw
150
kHz
Dynamic Load Response
(dIo/dt=1A/10
s; Vin=Vin,nom; TA=25°C; tested with a
10 μF ceramic and 1x 470μF polymer capacitor
across the load.)
Load Change from Io= 50% to 75% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
All
Vpk
ts
__
750
800
__
mVpk
s
Load Change from Io= 75% to 50% of Io,max:
Peak Deviation
Settling Time (Vo<10% peak deviation)
Vpk
ts
__
__
750
800
__
mVpk
s
Isolation Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Isolation Capacitance
Ciso
1000
pF
Isolation Resistance
Riso
10
MΩ
General Specifications
Parameter
Device
Symbol
Typ
Unit
Calculated Reliability Based upon Telcordia SR-332
Issue 2: Method I, Case 1, (IO=80%IO, max, TA=40°C,
Airflow = 200 lfm), 90% confidence
All
MTBF
4,169,213
Hours
All
FIT
239.9
10
9/Hours
Weight – Open Frame
29.5 (1.04)
g (oz.)
Weight – with Baseplate option
39.0 (1.38)
g (oz.)


Similar Part No. - EBVW020A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EBVW020A0B LINEAGEPOWER-EBVW020A0B Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B1Z LINEAGEPOWER-EBVW020A0B1Z Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41HZ LINEAGEPOWER-EBVW020A0B41HZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41PHZ LINEAGEPOWER-EBVW020A0B41PHZ Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
EBVW020A0B41Z LINEAGEPOWER-EBVW020A0B41Z Datasheet
1Mb / 18P
   36-75Vdc Input; 12.0Vdc, 20.0A, 240W Output
More results

Similar Description - EBVW020A0B

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B LINEAGEPOWER-QBW018A0B Datasheet
503Kb / 16P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
EVW020A0A41Z LINEAGEPOWER-EVW020A0A41Z Datasheet
862Kb / 19P
   36-75Vdc Input; 5.0Vdc Output; 20A Output Current
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
KNW013A0A41-SRZ LINEAGEPOWER-KNW013A0A41-SRZ Datasheet
487Kb / 17P
   36 - 75Vdc Input; 3.3 to 5.0Vdc Output; 13 to 20A Output Current
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com