Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5229ELT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBZ5229ELT1
Description  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5229ELT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBZ5229ELT1 Datasheet HTML 1Page - ON Semiconductor MMBZ5229ELT1 Datasheet HTML 2Page - ON Semiconductor MMBZ5229ELT1 Datasheet HTML 3Page - ON Semiconductor MMBZ5229ELT1 Datasheet HTML 4Page - ON Semiconductor MMBZ5229ELT1 Datasheet HTML 5Page - ON Semiconductor MMBZ5229ELT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMBZ52xxELT1G Series, SZMMBZ52xxELT1G Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C
unless otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Device*
Device
Marking
Zener Voltage (Note 4)
Zener Impedance
Leakage Current
VZ (V)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
V
MMBZ5221ELT1/T3G
BE2
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMBZ5226ELT1/T3G
BE7
3.13
3.3
3.47
20
28
1600
0.25
25
1
MMBZ5228ELT1/T3G
BE9
3.70
3.9
4.10
20
23
1900
0.25
10
1
MMBZ5229ELT1/T3G
BF1
4.08
4.3
4.52
20
22
2000
0.25
5
1
MMBZ5230ELT1/T3G
BF2
4.46
4.7
4.94
20
19
1900
0.25
5
2
MMBZ5231ELT1/T3G
BF3
4.84
5.1
5.36
20
17
1600
0.25
5
2
MMBZ5232ELT1/T3G
BF4
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMBZ5234ELT1/T3G
BF6
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMBZ5235ELT1/T3G
BF7
6.46
6.8
7.14
20
5
750
0.25
3
5
MMBZ5236ELT1/T3G
BF8
7.12
7.5
7.88
20
6
500
0.25
3
6
MMBZ5237ELT1/T3G
BF9
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMBZ5239ELT1/T3G
BG2
8.65
9.1
9.55
20
10
600
0.25
3
7
MMBZ5240ELT1/T3G
BG3
9.50
10
10.50
20
17
600
0.25
3
8
MMBZ5242ELT1/T3G
BG5
11.40
12
12.60
20
30
600
0.25
1
9.1
MMBZ5243ELT1/T3G
BG6
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
MMBZ5244ELT1/T3G
BG7
13.30
14
14.70
9
15
600
0.25
0.1
10
MMBZ5245ELT1/T3G
BG8
14.25
15
15.75
8.5
16
600
0.25
0.1
11
MMBZ5246ELT1G†
BG9
15.20
16
16.80
7.8
17
600
0.25
0.1
12
MMBZ5248ELT1/T1G
BH2
17.10
18
18.90
7
21
600
0.25
0.1
14
MMBZ5250ELT1/T3G
BH4
19.00
20
21.00
6.2
25
600
0.25
0.1
15
4. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
*Includes SZ−prefix devices where applicable.
†MMBZ5246EL, MMBZ5252EL, and MMBZ5265EL Not Available in 10,000/Tape & Reel.


Similar Part No. - MMBZ5229ELT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5229ELT1 ONSEMI-MMBZ5229ELT1 Datasheet
73Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 4
MMBZ5229ELT1 ONSEMI-MMBZ5229ELT1 Datasheet
167Kb / 6P
   Zener Voltage Regulators
October, 2016 ??Rev. 8
MMBZ5229ELT1T3G ONSEMI-MMBZ5229ELT1T3G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
MMBZ5229ELT1T3G ONSEMI-MMBZ5229ELT1T3G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
More results

Similar Description - MMBZ5229ELT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com