Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ27VCWT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBZ27VCWT1G
Description  40 Watt Peak Power Zener Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ27VCWT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MMBZ27VCWT1G Datasheet HTML 1Page - ON Semiconductor MMBZ27VCWT1G Datasheet HTML 2Page - ON Semiconductor MMBZ27VCWT1G Datasheet HTML 3Page - ON Semiconductor MMBZ27VCWT1G Datasheet HTML 4Page - ON Semiconductor MMBZ27VCWT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMBZ27VCWT1G
http://onsemi.com
4
TYPICAL APPLICATIONS
Figure 6. Single Wire CAN Network
220 pF 10%
GND
*
Single Wire
CAN Transceiver
CLoad
Load
RLoad
9.09 kW 1%
Loss of
Ground
Protection
Circuit
VBatt
47 mH
Bus
*ESD Protection − MMBZ27VCWT1 or equivalent. May be
located in each ECU (CLoad needs to be reduced accordingly)
or at a central point near the DLC.
Figure is the recommended solution for transient EMI/ESD protection. This circuit is shown in the
Society of Automotive Engineers February, 2000 J2411 “Single Wire CAN Network for Vehicle Applications” specification
(Figure 6, page 11). Note: the dual common anode zener configuration shown above is electrically equivalent to a dual common
cathode zener configuration.


Similar Part No. - MMBZ27VCWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
120Kb / 5P
   40 Watt Peak Power Zener Surge Protection Device
August, 2020 ??Rev. 3
More results

Similar Description - MMBZ27VCWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1 Datasheet
50Kb / 8P
   40 Watt Peak Power Zener Transient Voltage Suppressors
April, 2001 ??Rev. 5
MMBZ16V ONSEMI-MMBZ16V Datasheet
74Kb / 7P
   40 Watt Peak Power Zener Transient Voltage Suppressors
June, 2014 ??Rev. 0
MMBZ15VDLT1 ONSEMI-MMBZ15VDLT1_05 Datasheet
63Kb / 6P
   40 Watt Peak Power Zener Transient Voltage Suppressors
July, 2005 ??Rev. 7
MMBZ27VAWT1G ONSEMI-MMBZ27VAWT1G Datasheet
111Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
SZMMBZ27VCLT3G ONSEMI-SZMMBZ27VCLT3G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
SZMMBZ27VCLT1G ONSEMI-SZMMBZ27VCLT1G Datasheet
114Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2012 ??Rev. 12
MMBZ27VCWT1G ONSEMI-MMBZ27VCWT1G Datasheet
110Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
May, 2008 ??Rev. 0
MMBZ15VDLT1G ONSEMI-MMBZ15VDLT1G Datasheet
97Kb / 5P
   40 Watt Peak Power Zener Transient Voltage Suppressors
October, 2016 ??Rev. 16
1SMB10CAT3 ONSEMI-1SMB10CAT3 Datasheet
54Kb / 6P
   Watt Peak Power Zener Transient Voltage Suppressors
January, 2005 ??Rev. 6
1SMB10CAT3 ONSEMI-1SMB10CAT3_06 Datasheet
67Kb / 7P
   Watt Peak Power Zener Transient Voltage Suppressors
October, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com