Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBV105GLT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBV105GLT1G
Description  Silicon Tuning Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBV105GLT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBV105GLT1G Datasheet HTML 1Page - ON Semiconductor MMBV105GLT1G Datasheet HTML 2Page - ON Semiconductor MMBV105GLT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 5
1
Publication Order Number:
MMBV105GLT1/D
MMBV105GLT1G
Silicon Tuning Diode
This device is designed in the Surface Mount package for general
frequency control and tuning applications. It provides solid−state
reliability in replacement of mechanical tuning methods.
Features
Controlled and Uniform Tuning Ratio
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Vdc
Forward Current
IF
200
mAdc
Device Dissipation @ TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Junction Temperature
TJ
+125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
http://onsemi.com
SOT−23 (TO−236)
CASE 318
STYLE 8
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBV105GLT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
3
Cathode
1
Anode
1
M4EM G
G
M4E = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
1
2
3
(Note: Microdot may be in either location)
MARKING DIAGRAM


Similar Part No. - MMBV105GLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBV105GLT1G ONSEMI-MMBV105GLT1G Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
More results

Similar Description - MMBV105GLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com