Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCU9656 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCU9656
Description  Smart, simple solutions for the 12 most common design concerns
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCU9656 Datasheet(HTML) 7 Page - NXP Semiconductors

  PCU9656 Datasheet HTML 1Page - NXP Semiconductors PCU9656 Datasheet HTML 2Page - NXP Semiconductors PCU9656 Datasheet HTML 3Page - NXP Semiconductors PCU9656 Datasheet HTML 4Page - NXP Semiconductors PCU9656 Datasheet HTML 5Page - NXP Semiconductors PCU9656 Datasheet HTML 6Page - NXP Semiconductors PCU9656 Datasheet HTML 7Page - NXP Semiconductors PCU9656 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Our I2C-bus website (www.nxp.com/interface)
is a valuable resource for device
information and training programs.
It gives you direct access to a comprehensive
handbook, application notes, information
about evaluation kits and training
materials, links to application and
design support, and more.
The I2C Fm+ development board
and daughter cards make it easy to
program new peripherals and are a quick
way to learn about the I2C-bus protocol.
OM13320 Fm+ Demonstration Kit which includes
the OM13260 Fm+ Development Board with two
OM13303 GPIO Target Boards and one each of
the OM13243 PCA9555 GPIO 16-bit and OM13257
LM75B Thermal Sensor daughter boards
OM6275
I²C 2005-1 evaluation board
OM6277
PCA9564 evaluation board
OM6293
PCA9600 daughter card for I²C 2005-1
OM6276
PCA9633 demo board
OM13285 PCA9629 stepper motor
demonstration board
OM11057 PCF8885/86 touch switch
with PCF8536 LCD/LED driver
Demo boards
e-Tools
OM6270
SPI/I2C-to-UART bridge demo (SC16IS750)
OM6271
SPI-to-I2C-master bridge demo (SC18IS600)
OM6272
UART-to-I2C-master bridge demo (SC18IM700)
OM6273
SPI/I2C-to-DUART/IrDA/GPIO demo (SC16IS752)
OM6274
I2C-to-SPI-master bridge demo (SC18IS602)
OM6275
I2C 2005-1 evaluation board
OM6276
PCA9633 demo board
OM6277
PCA9564 evaluation board
OM6278
I2C 2002-1A evaluation board
OM6281
PCA9698 daughter card for I2C 2005-1
OM6282
PCA9633 daughter card for I2C 2005-1
OM6285
I2C 2002-1A evaluation board without PC controller
board
OM6290
LCD driver evaluation board: PCF8576D, PCF2119,
PCF8531, PCA9633
OM6292
PCA21125, PCF8562 demoboard
OM6293
PCA9600 daughter card for I2C 2005-1
OM6297
PCF2123, PCF8562 demoboard
OM11051
PCF2127A demo board
OM11057
PCF8885/86 capacitive sensor and PCF8536
LCD/LED driver 
OM13260
I2C Fm+ development board (RoHS)
OM13243
PCA9555 daughter card (RoHS)
OM13243
GPIO target board (RoHS)
OM13257
LM75B daughter card (RoHS)
OM13285  
PCA9629 demo board
OM13320
I2C Fm+ development kit (RoHS)
OM6278
I²C 2002-1A evaluation board


Similar Part No. - PCU9656

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCU9654 PHILIPS-PCU9654 Datasheet
972Kb / 36P
   8-bit UFm 5 MHz I2C-bus 100 mA 40 V LED driver
Rev. 1-2 July 2012
More results

Similar Description - PCU9656

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1100AA01 ETC2-F1100AA01 Datasheet
146Kb / 3P
   Most Economical Design
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
logo
Switchcraft, Inc.
R-5-SW SWITCH-R-5-SW Datasheet
330Kb / 2P
   The most common use for Switch Probes is in the cable harness testing industry.
logo
STMicroelectronics
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
   Smart power solutions for car body applications
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
   Highest quality for the most demanding applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com