Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76TI2270XX4XX Datasheet(PDF) 11 Page - Kemet Corporation

Part # R76TI2270XX4XX
Description  POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76TI2270XX4XX Datasheet(HTML) 11 Page - Kemet Corporation

Back Button R76TI2270XX4XX Datasheet HTML 4Page - Kemet Corporation R76TI2270XX4XX Datasheet HTML 5Page - Kemet Corporation R76TI2270XX4XX Datasheet HTML 6Page - Kemet Corporation R76TI2270XX4XX Datasheet HTML 7Page - Kemet Corporation R76TI2270XX4XX Datasheet HTML 8Page - Kemet Corporation R76TI2270XX4XX Datasheet HTML 9Page - Kemet Corporation R76TI2270XX4XX Datasheet HTML 10Page - Kemet Corporation R76TI2270XX4XX Datasheet HTML 11Page - Kemet Corporation R76TI2270XX4XX Datasheet HTML 12Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
09/2008
126
Note: p (pitch) in mm.
R76
MMKP Series
polypRopylENE capacitoR WitH DoUBlE
SiDED MEtalliZED FilM ElEctRoDES D.c. aND
pUlSE applicatioNS
PRODUCT CODE:
R76
MAX. VOLTAGE (Vr.m.s.) VERSUS FREQUENCY (sinusoidal wave-form / Th ≤ 40°C)


Similar Part No. - R76TI2270XX4XX

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76TI227050H4J KEMET-R76TI227050H4J Datasheet
57Kb / 1P
   R76_125C, Film, Double Metallized Polypropylene, General Purpose, 0.027 uF, 5%, 1600 VDC, 105째C, Lead Spacing = 15mm
More results

Similar Description - R76TI2270XX4XX

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Surge Components
C82 SURGE-C82 Datasheet
6Mb / 16P
   Double sided metallized polypropylene structure
C84 SURGE-C84 Datasheet
2Mb / 13P
   Double sided metallized polypropylene structure
logo
jb Capacitors Company
JFQ JBCAPACITORS-JFQ Datasheet
810Kb / 7P
   Box Type Double Sided Met Polypropylene Film Capacitor
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com