Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30CTH02SPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-30CTH02SPBF
Description  Hyperfast Rectifier, 2 x 15 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30CTH02SPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-30CTH02SPBF Datasheet HTML 1Page - Vishay Siliconix VS-30CTH02SPBF Datasheet HTML 2Page - Vishay Siliconix VS-30CTH02SPBF Datasheet HTML 3Page - Vishay Siliconix VS-30CTH02SPBF Datasheet HTML 4Page - Vishay Siliconix VS-30CTH02SPBF Datasheet HTML 5Page - Vishay Siliconix VS-30CTH02SPBF Datasheet HTML 6Page - Vishay Siliconix VS-30CTH02SPBF Datasheet HTML 7Page - Vishay Siliconix VS-30CTH02SPBF Datasheet HTML 8Page - Vishay Siliconix VS-30CTH02SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 94015
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 11-Mar-10
3
VS-30CTH02SPbF, VS-30CTH02-1PbF
Hyperfast Rectifier,
2 x 15 A FRED Pt®
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
100
10
1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VFM - Forward Voltage Drop (V)
0.01
0.1
1
10
100
0
100
200
0.0001
VR - Reverse Voltage (V)
150
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 25 °C
T
J = 50 °C
T
J = 75 °C
50
0.001
100
1000
0
50
100
150
200
10
VR - Reverse Voltage (V)
T
J = 25 °C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
Single pulse
(thermal resistance)
.
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
110
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - VS-30CTH02SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTH02SPBF VISHAY-VS-30CTH02SPBF Datasheet
147Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
08-Feb-17
VS-30CTH02SPBF VISHAY-VS-30CTH02SPBF_V01 Datasheet
147Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
08-Feb-17
More results

Similar Description - VS-30CTH02SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-CPH3006L-M3 VISHAY-VS-CPH3006L-M3 Datasheet
1Mb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
Revision: 10-Jul-15
VS-30CTH03PBF VISHAY-VS-30CTH03PBF Datasheet
158Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
revision: 09-Jul-15
VS-30CTH03-M3 VISHAY-VS-30CTH03-M3_V01 Datasheet
165Kb / 6P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
VS-30CTH02PBF VISHAY-VS-30CTH02PBF Datasheet
206Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
VS-30CTH02HN3 VISHAY-VS-30CTH02HN3_V01 Datasheet
145Kb / 7P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
30CTH02PBF VISHAY-30CTH02PBF_12 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
VS-30CTH02-M3 VISHAY-VS-30CTH02-M3_V01 Datasheet
162Kb / 6P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
VS-30CTH02FP-N3 VISHAY-VS-30CTH02FP-N3_V01 Datasheet
143Kb / 7P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
VS-ETX1506S-M3 VISHAY-VS-ETX1506S-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
15ETX06PBF VISHAY-15ETX06PBF_12 Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com