Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7808BD2TR4G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7808BD2TR4G
Description  1.0 A Positive Voltage Regulators
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7808BD2TR4G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7808BD2TR4G Datasheet HTML 7Page - ON Semiconductor NCV7808BD2TR4G Datasheet HTML 8Page - ON Semiconductor NCV7808BD2TR4G Datasheet HTML 9Page - ON Semiconductor NCV7808BD2TR4G Datasheet HTML 10Page - ON Semiconductor NCV7808BD2TR4G Datasheet HTML 11Page - ON Semiconductor NCV7808BD2TR4G Datasheet HTML 12Page - ON Semiconductor NCV7808BD2TR4G Datasheet HTML 13Page - ON Semiconductor NCV7808BD2TR4G Datasheet HTML 14Page - ON Semiconductor NCV7808BD2TR4G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
MC7800, MC7800A, MC7800AE, NCV7800
http://onsemi.com
11
ELECTRICAL CHARACTERISTICS (Vin = 19 V, IO = 500 mA, TJ = Tlow to 125°C (Note 17), unless otherwise noted)
MC7812B/NCV7812B
MC7812C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
11.5
12
12.5
11.5
12
12.5
Vdc
Output Voltage (5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W)
VO
Vdc
14.5 Vdc ≤ Vin ≤ 27 Vdc
11.4
12
12.6
15.5 Vdc ≤ Vin ≤ 27 Vdc
11.4
12
12.6
Line Regulation, TJ = 25°C (Note 18)
Regline
mV
14.5 Vdc ≤ Vin ≤ 30 Vdc
7.5
240
3.8
24
16 Vdc ≤ Vin ≤ 22 Vdc
2.2
120
0.3
24
14.8 Vdc ≤ Vin ≤ 27 Vdc, IO = 1.0 A
48
Load Regulation, TJ = 25°C (Note 18)
Regload
1.6
240
8.1
60
mV
5.0 mA ≤ IO ≤ 1.5 A
Quiescent Current
IB
3.4
8.0
3.4
6.5
mA
Quiescent Current Change
DIB
mA
14.5 Vdc ≤ Vin ≤ 30 Vdc, IO = 1.0 A, TJ = 25°C
0.7
15 Vdc ≤ Vin ≤ 30 Vdc
1.0
0.8
5.0 mA ≤ IO ≤ 1.0 A
0.5
0.5
Ripple Rejection
RR
60
55
60
dB
15 Vdc ≤ Vin ≤ 25 Vdc, f = 120 Hz
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
2.0
2.0
Vdc
Output Noise Voltage (TA = 25°C)
Vn
10
10
mV/VO
10 Hz ≤ f ≤ 100 kHz
Output Resistance f = 1.0 kHz
rO
1.1
1.1
mW
Short Circuit Current Limit (TA = 25°C)
ISC
0.2
0.2
A
Vin = 35 Vdc
Peak Output Current (TJ = 25°C)
Imax
2.2
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−0.8
−0.8
mV/°C
17.Tlow =0°C for MC78XXC, MC78XXAC,
= *40°C for NCV78XX, MC78XXB, MC78XXAB, and MC78XXAEB
18.Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Similar Part No. - NCV7808BD2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7808BD2TR4G ONSEMI-NCV7808BD2TR4G Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
NCV7808BD2TR4G ONSEMI-NCV7808BD2TR4G Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
NCV7808BD2TR4G ONSEMI-NCV7808BD2TR4G Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results

Similar Description - NCV7808BD2TR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com