Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30CTH02PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-30CTH02PBF
Description  Hyperfast Rectifier, 2 x 15 FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30CTH02PBF Datasheet(HTML) 7 Page - Vishay Siliconix

  VS-30CTH02PBF Datasheet HTML 1Page - Vishay Siliconix VS-30CTH02PBF Datasheet HTML 2Page - Vishay Siliconix VS-30CTH02PBF Datasheet HTML 3Page - Vishay Siliconix VS-30CTH02PBF Datasheet HTML 4Page - Vishay Siliconix VS-30CTH02PBF Datasheet HTML 5Page - Vishay Siliconix VS-30CTH02PBF Datasheet HTML 6Page - Vishay Siliconix VS-30CTH02PBF Datasheet HTML 7Page - Vishay Siliconix VS-30CTH02PBF Datasheet HTML 8Page - Vishay Siliconix VS-30CTH02PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 20-Jul-11
1
Document Number: 95072
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
5° ± 0.5°
5° ± 0.5°
0.9
0.7
1.15
1.05
2.54 TYP.
2.54 TYP.
2.8
2.6
1.4
1.3
TYP.
10°
16.4
15.4
16.0
15.8
13.56
13.05
0.61
0.38
2.85
2.65
3.7
3.2
4.8
4.6
3.3
3.1
7.31
6.91
10.6
10.4
Hole Ø
3.4
3.1
(2 places)
R 0.7
R 0.5
Lead assignments
Diodes
1. - Anode/open
2. - Cathode
3. - Anode
Conforms to JEDEC outline TO-220 FULL-PAK


Similar Part No. - VS-30CTH02PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTH02-1-M3 VISHAY-VS-30CTH02-1-M3 Datasheet
193Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
VS-30CTH02-1PbF VISHAY-VS-30CTH02-1PbF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02-1PBF VISHAY-VS-30CTH02-1PBF Datasheet
147Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
08-Feb-17
VS-30CTH02-M3 VISHAY-VS-30CTH02-M3 Datasheet
148Kb / 7P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 26-Oct-17
VS-30CTH02-M3 VISHAY-VS-30CTH02-M3 Datasheet
162Kb / 6P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
More results

Similar Description - VS-30CTH02PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTH02HN3 VISHAY-VS-30CTH02HN3_V01 Datasheet
145Kb / 7P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
30CTH02PBF VISHAY-30CTH02PBF_12 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
Revision: 02-Jan-12
VS-30CTH02-M3 VISHAY-VS-30CTH02-M3_V01 Datasheet
162Kb / 6P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
VS-30CTH02FP-N3 VISHAY-VS-30CTH02FP-N3_V01 Datasheet
143Kb / 7P
   Hyperfast Rectifier, 2 x 15 FRED Pt®
01-Jan-2022
VS-30CTH02SPBF VISHAY-VS-30CTH02SPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
Revision: 11-Mar-10
VS-CPH3006L-M3 VISHAY-VS-CPH3006L-M3 Datasheet
1Mb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
Revision: 10-Jul-15
VS-30CTH03PBF VISHAY-VS-30CTH03PBF Datasheet
158Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
revision: 09-Jul-15
VS-30CTH03-M3 VISHAY-VS-30CTH03-M3_V01 Datasheet
165Kb / 6P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
01-Jan-2022
VS-ETX1506S-M3 VISHAY-VS-ETX1506S-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
15ETX06PBF VISHAY-15ETX06PBF_12 Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com