Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9622 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9622
Description  Smart, simple solutions for the 12 most common design concerns
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9622 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9622 Datasheet HTML 1Page - NXP Semiconductors PCA9622 Datasheet HTML 2Page - NXP Semiconductors PCA9622 Datasheet HTML 3Page - NXP Semiconductors PCA9622 Datasheet HTML 4Page - NXP Semiconductors PCA9622 Datasheet HTML 5Page - NXP Semiconductors PCA9622 Datasheet HTML 6Page - NXP Semiconductors PCA9622 Datasheet HTML 7Page - NXP Semiconductors PCA9622 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NXP’s I2C peripherals portfolio is grouped into twelve families, one for each of the most common, everyday design
concerns.
General Purpose Input Output
(GPIO) expanders
Add different types
of inputs and outputs
Sensors and voltage
management
Digital temperature information
Clocks / RTCs
Digital time and/or calendar
Blinkers, dimmers,
drivers
For complete LED
control, including
LCD backlighting
I2C-controlled DIP switches
EEROMs / RAM combined with
general-purpose outputs
Intelligent Stepper Motor
Controllers
Easy and versatile control
Capacitive Sensor
Switch action without contact
Black-and-white LCD display drivers
Monochrome, character, shapes, dots
Tiny serial ADCs / DACs
Analog control and audio
Bus buffers and
voltage translators
Extenders, hubs, and repeaters
to support extra devices, longer
distances, bus-voltage translation,
or hazardous conditions
Bridge ICs,
bus controllers
Add extra, fully
featured I2C masters
More information
www.nxp.com/interface
Multiplexers and switches
Add advanced I2C networking
to allow more devices, backup,
hot-swap


Similar Part No. - PCA9622

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9622 NXP-PCA9622 Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622 NXP-PCA9622 Datasheet
330Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 4-6 September 2012
PCA9622 PHILIPS-PCA9622 Datasheet
328Kb / 40P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 5-2 June 2014
PCA9622BS NXP-PCA9622BS Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
PCA9622DR NXP-PCA9622DR Datasheet
224Kb / 39P
   16-bit Fm I2C-bus 100 mA 40 V LED driver
Rev. 03-31 August 2009
More results

Similar Description - PCA9622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1100AA01 ETC2-F1100AA01 Datasheet
146Kb / 3P
   Most Economical Design
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
   The first & most popular patented high-performance design
logo
Switchcraft, Inc.
R-5-SW SWITCH-R-5-SW Datasheet
330Kb / 2P
   The most common use for Switch Probes is in the cable harness testing industry.
logo
STMicroelectronics
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
   Smart power solutions for car body applications
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
   Reference Design for the
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
   Highest quality for the most demanding applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com