Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA4861-QGG Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHA4861-QGG
Description  6-11 GHz Variable Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA4861-QGG Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHA4861-QGG Datasheet HTML 6Page - United Monolithic Semiconductors CHA4861-QGG Datasheet HTML 7Page - United Monolithic Semiconductors CHA4861-QGG Datasheet HTML 8Page - United Monolithic Semiconductors CHA4861-QGG Datasheet HTML 9Page - United Monolithic Semiconductors CHA4861-QGG Datasheet HTML 10Page - United Monolithic Semiconductors CHA4861-QGG Datasheet HTML 11Page - United Monolithic Semiconductors CHA4861-QGG Datasheet HTML 12Page - United Monolithic Semiconductors CHA4861-QGG Datasheet HTML 13Page - United Monolithic Semiconductors CHA4861-QGG Datasheet HTML 14Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
6-11 GHz Variable Gain Amplifier
CHA4861-QGG
Ref. : DSCHA4861-QGG2262 - 18 Sep 12
11/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Definition of the Sij reference planes
The
reference
planes
used
for
Sij
measurements given above are symmetrical
from the symmetrical axis of the package
(see drawing beside). The input and output
reference planes are located at 3.66mm
offset
(input
wise
and
output
wise
respectively) from this axis. Then, the given
Sij parameters incorporate the land pattern of
the evaluation motherboard recommended in
paragraph "Evaluation mother board".
Notes
Due to ESD protection circuits on RF input and output, an external capacitance might be
requested to isolate the product from external voltage that could be present on the RF
accesses.
ESD protections are also implemented on gate and control accesses.
The DC connections do not include any decoupling capacitor in package, therefore it is
mandatory to provide a good external DC decoupling (10nF) on the PC board, as close as
possible to the package.


Similar Part No. - CHA4861-QGG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
More results

Similar Description - CHA4861-QGG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC694LP4 HITTITE-HMC694LP4 Datasheet
560Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
HMC694 HITTITE-HMC694 Datasheet
551Kb / 8P
   GaAs MMIC ANALOG VARIABLE GAIN AMPLIFIER, 6 - 17 GHz
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
HBH Microwave GmbH
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
   10.0 - 13.0 GHz Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9075 TRIQUINT-TQM8M9075_15 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
TQM8M9077 TRIQUINT-TQM8M9077 Datasheet
1Mb / 9P
   0.05-4 GHz Digital Variable Gain Amplifier
logo
Qorvo, Inc
TQC9305 QORVO-TQC9305 Datasheet
706Kb / 9P
   0.7 ??3.6 GHz Digital Variable Gain Amplifier
TQM8M9075 QORVO-TQM8M9075 Datasheet
429Kb / 8P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com