Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2089Q Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA2089Q
Description  S2-Compatible 5-Input 2-Output Audio/Video Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2089Q Datasheet(HTML) 2 Page - Sony Corporation

  CXA2089Q Datasheet HTML 1Page - Sony Corporation CXA2089Q Datasheet HTML 2Page - Sony Corporation CXA2089Q Datasheet HTML 3Page - Sony Corporation CXA2089Q Datasheet HTML 4Page - Sony Corporation CXA2089Q Datasheet HTML 5Page - Sony Corporation CXA2089Q Datasheet HTML 6Page - Sony Corporation CXA2089Q Datasheet HTML 7Page - Sony Corporation CXA2089Q Datasheet HTML 8Page - Sony Corporation CXA2089Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
– 2 –
CXA2089Q/S
Block Diagram
CXA2089Q
47
VOUT1
YOUT1
TV
V4
V3
V2
V1
Y3
Y2
Y1
C3
C2
C1
YIN1
TRAP1
GND
COUT1
CIN1
VOUT2
YOUT2
COUT2
BIAS
VCC
6dB
6dB
6dB
6dB
6dB
6dB
BIAS
40
38
37
42
43
44
45
ADR
SDA
SCL
DC OUT
MUTE
Logic
27
28
36
34
33
8
15
1
3
5
10
12
17
19
26
23
32
S-3
S2-1
LTV
LV4
S-2
S-1
S2-3
S2-2
LV3
LV2
LV1
LOUT1
ROUT1
LOUT2
ROUT2
6dB
0dB
6dB
0dB
6dB
6dB
39
41
30
22
2
9
16
6
7
13
14
20
21
46
RTV
RV4
RV3
RV2
RV1
31
29
48
4
11
18
24
35
25
Audio system is attenuated by 6dB for 6k
Ω resistor input, and a total gain is 0dB (LOUT1 and ROUT1 can be changed to –6dB).


Similar Part No. - CXA2089Q

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXA20 ARTESYN-CXA20 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05 ARTESYN-CXA20-48D05 Datasheet
57Kb / 3P
   20W DC/DC Converters
logo
Emerson Network Power
CXA20-48D05J EMERSON-NETWORKPOWER-CXA20-48D05J Datasheet
126Kb / 3P
   20 W DC-DC Converters
logo
Artesyn Technologies
CXA20-48D05J ARTESYN-CXA20-48D05J Datasheet
132Kb / 3P
   20 W DC-DC Converters
More results

Similar Description - CXA2089Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2079Q SONY-CXA2079Q Datasheet
387Kb / 20P
   S2-Compatible 6-Input 2-Output Audio/Video Switch
CXA2069Q SONY-CXA2069Q Datasheet
445Kb / 19P
   S2-Compatible 7-Input 3-Output Audio/Video Switch
logo
New Japan Radio
NJM2596 NJRC-NJM2596 Datasheet
65Kb / 7P
   5-INPUT 3-OUTPUT VIDEO SWITCH FOR S2
logo
Mitsumi Electronics, Co...
MM1120 MITSUMI-MM1120 Datasheet
126Kb / 5P
   2-Input 2-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2520 NJRC-NJM2520 Datasheet
124Kb / 3P
   2-INPUT 1-OUTPUT AUDIO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com