Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGSF1N02ELT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MGSF1N02ELT1
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT-MODE TMOS MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGSF1N02ELT1 Datasheet(HTML) 4 Page - Motorola, Inc

  MGSF1N02ELT1 Datasheet HTML 1Page - Motorola, Inc MGSF1N02ELT1 Datasheet HTML 2Page - Motorola, Inc MGSF1N02ELT1 Datasheet HTML 3Page - Motorola, Inc MGSF1N02ELT1 Datasheet HTML 4Page - Motorola, Inc MGSF1N02ELT1 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MGSF1N02ELT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
INFORMATION FOR USING THE SOT–23 SURFACE MOUNT PACKAGE
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total
design. The footprint for the semiconductor packages must
be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
SOT–23
mm
inches
0.037
0.95
0.037
0.95
0.079
2.0
0.035
0.9
0.031
0.8
SOT–23 POWER DISSIPATION
The power dissipation of the SOT–23 is a function of the
drain pad size. This can vary from the minimum pad size for
soldering to a pad size given for maximum power dissipation.
Power dissipation for a surface mount device is determined
by TJ(max), the maximum rated junction temperature of the
die, R
θJA, the thermal resistance from the device junction to
ambient, and the operating temperature, TA. Using the
values provided on the data sheet for the SOT–23 package,
PD can be calculated as follows:
PD =
TJ(max) – TA
R
θJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values into
the equation for an ambient temperature TA of 25°C, one can
calculate the power dissipation of the device which in this
case is 416 milliwatts.
PD =
150
°C – 25°C
300
°C/W
= 416 milliwatts
The 300
°C/W for the SOT–23 package assumes the use
of the recommended footprint on a glass epoxy printed circuit
board to achieve a power dissipation of 416 milliwatts. There
are other alternatives to achieving higher power dissipation
from the SOT–23 package. Another alternative would be to
use a ceramic substrate or an aluminum core board such as
Thermal Clad
™. Using a board material such as Thermal
Clad, an aluminum core board, the power dissipation can be
doubled using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within a
short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
Always preheat the device.
The delta temperature between the preheat and
soldering should be 100
°C or less.*
When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering method,
the difference shall be a maximum of 10
°C.
The soldering temperature and time shall not exceed
260
°C for more than 10 seconds.
When shifting from preheating to soldering, the
maximum temperature gradient shall be 5
°C or less.
After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and result
in latent failure due to mechanical stress.
Mechanical stress or shock should not be applied during
cooling.
* Soldering a device without preheating can cause excessive
thermal shock and stress which can result in damage to the
device.


Similar Part No. - MGSF1N02ELT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF1N02ELT1 ONSEMI-MGSF1N02ELT1 Datasheet
142Kb / 4P
   Power MOSFET
August, 2006 ??Rev. 3
MGSF1N02ELT1G ONSEMI-MGSF1N02ELT1G Datasheet
142Kb / 4P
   Power MOSFET
August, 2006 ??Rev. 3
More results

Similar Description - MGSF1N02ELT1

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN7478Q8 CYSTEKEC-MTN7478Q8 Datasheet
392Kb / 9P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN7303DT1WG LRC-LN7303DT1WG Datasheet
509Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
LN73023DT1WG LRC-LN73023DT1WG Datasheet
1Mb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
LNB8303DT0AG LRC-LNB8303DT0AG Datasheet
849Kb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Bruckewell Technology L...
MS17N03Q8 BWTECH-MS17N03Q8 Datasheet
352Kb / 4P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTB17N03Q8 CYSTEKEC-MTB17N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
MTB55N06Q8 CYSTEKEC-MTB55N06Q8 Datasheet
325Kb / 9P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LNB8304RDT0AG LRC-LNB8304RDT0AG Datasheet
412Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P2206BV UNIKC-P2206BV Datasheet
795Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN7304DT1WG LRC-LN7304DT1WG Datasheet
548Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com