Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9531D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9531D
Description  I2C Demonstration Board 2005-1 Quick Start Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9531D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9531D Datasheet HTML 4Page - NXP Semiconductors PCA9531D Datasheet HTML 5Page - NXP Semiconductors PCA9531D Datasheet HTML 6Page - NXP Semiconductors PCA9531D Datasheet HTML 7Page - NXP Semiconductors PCA9531D Datasheet HTML 8Page - NXP Semiconductors PCA9531D Datasheet HTML 9Page - NXP Semiconductors PCA9531D Datasheet HTML 10Page - NXP Semiconductors PCA9531D Datasheet HTML 11Page - NXP Semiconductors PCA9531D Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UM10206
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
User manual
Rev. 01 — 13 June 2006
8 of 12
Philips Semiconductors
UM10206
I2C Demonstration Board 2005-1 Quick Start Guide
7.
Starting Win-I2CUSB Lite
When you have correctly installed the software and the Demonstration Board Hardware is
connected and recognized by the computer, start the Win-I2CUSB Lite software (see
Figure 4).
When the Demonstration Board hardware is correctly connected to the USB port and
the computer recognizes it, the message “Hardware Detected” is displayed.
Switched 3.3 V and 5.0 V power supplies are controlled through the “Options” menu
or by double clicking on the 3.3 V or 5.0 V symbols on the lower side of the main
window. Power supplies are disabled by default and you must enable them before
using the I2C-bus devices on the board.
I2C-bus frequency is controlled through the “Options” menu or by double clicking on
the frequency symbol in the lower side of the main window.
I2C-bus devices on the board are controlled using the corresponding control window
in the “Device” menu. You can only select I2C-bus devices which are on the board and
are highlighted in the menu.
The Expert Mode selected through “Device
Universal Modes” allows you to send
customized I2C-bus commands to any device on the board. Expert Mode is limited to
8 lines of command in the Lite version of the software. Each line of command can
have up to 9 bytes of data.
Fig 4.
Win-I2CUSB Lite main window
Switched power
indicators
I
2C frequency
Device selection
(devices not supported in Lite
version are dimmed)
Access to the Expert Mode that allows
writing specific I
2C commands
Board Self Test Routine
Hardware detection message


Similar Part No. - PCA9531D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9531D PHILIPS-PCA9531D Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9531D NXP-PCA9531D Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9531D NXP-PCA9531D Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
More results

Similar Description - PCA9531D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
   Quick start guide for the STR9 dongle demonstration board
logo
Linear Integrated Syste...
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
Vishay Siliconix
SI4707-B-EVB VISHAY-SI4707-B-EVB Datasheet
104Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
Rev. 0.1 4/08
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
   Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
logo
Connor-Winfield Corpora...
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com