Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9551D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9551D
Description  I2C Demonstration Board 2005-1 Quick Start Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9551D Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9551D Datasheet HTML 1Page - NXP Semiconductors PCA9551D Datasheet HTML 2Page - NXP Semiconductors PCA9551D Datasheet HTML 3Page - NXP Semiconductors PCA9551D Datasheet HTML 4Page - NXP Semiconductors PCA9551D Datasheet HTML 5Page - NXP Semiconductors PCA9551D Datasheet HTML 6Page - NXP Semiconductors PCA9551D Datasheet HTML 7Page - NXP Semiconductors PCA9551D Datasheet HTML 8Page - NXP Semiconductors PCA9551D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UM10206
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
User manual
Rev. 01 — 13 June 2006
4 of 12
Philips Semiconductors
UM10206
I2C Demonstration Board 2005-1 Quick Start Guide
3.
Installation
3.1 Win-I2CUSB Lite Software
1. Download the Win-I2CUSB Lite installation driver from:
www.semiconductors.philips.com/products/interface_control/i2c.
2. The installation software will automatically start from the executable file. If the
installation software does not start automatically double-click on the Setup.exe file.
3. For software or hardware application support email us at: i2c.support@philips.com.
Do not contact The Boardshop for application support issues.
3.2 Demonstration Board hardware connection to computer USB port
1. Touch the bare metal on the rear of your computer to neutralize any ESD (static
charge) before removing the Demonstration Board Hardware from the packaging.
2. Connect the hardware to a USB port using a standard USB cable.
3. The green USB_LINK LED on the hardware will illuminate.
3.3 Connecting the remote sensor diode
1. Connect the red wire to the D
+ pin and the white wire to the D− pin (see Figure 1).
2. Plug the remote sensor diode into the Demonstration Board (see Figure 2).
(1) The cable is approximately 15cm long with the red wire connected to the emitter.
(2) The 2-pin male connector is compatible with the 2-pin header on the pcb.
(3) The base and collector of the transistor are connected together.
Fig 1.
I2C Demonstration Board 2005-1 remote sensor diode
013aaa000
D+
D
(1)
(3)
(2)
2N3906


Similar Part No. - PCA9551D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9551D PHILIPS-PCA9551D Datasheet
161Kb / 21P
   8-bit I2C LED driver with programmable blink rates
2004 Oct 01
PCA9551D NXP-PCA9551D Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551D NXP-PCA9551D Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
PCA9551D-T NXP-PCA9551D-T Datasheet
164Kb / 26P
   8-bit I2C-bus LED driver with programmable blink rates
Rev. 08-31 July 2008
More results

Similar Description - PCA9551D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
   Quick start guide for the STR9 dongle demonstration board
logo
Linear Integrated Syste...
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
Vishay Siliconix
SI4707-B-EVB VISHAY-SI4707-B-EVB Datasheet
104Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
Rev. 0.1 4/08
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
   Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
logo
Connor-Winfield Corpora...
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com