Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM10206 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UM10206
Description  I2C Demonstration Board 2005-1 Quick Start Guide
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UM10206 Datasheet(HTML) 5 Page - NXP Semiconductors

  UM10206 Datasheet HTML 1Page - NXP Semiconductors UM10206 Datasheet HTML 2Page - NXP Semiconductors UM10206 Datasheet HTML 3Page - NXP Semiconductors UM10206 Datasheet HTML 4Page - NXP Semiconductors UM10206 Datasheet HTML 5Page - NXP Semiconductors UM10206 Datasheet HTML 6Page - NXP Semiconductors UM10206 Datasheet HTML 7Page - NXP Semiconductors UM10206 Datasheet HTML 8Page - NXP Semiconductors UM10206 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UM10206
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
User manual
Rev. 01 — 13 June 2006
5 of 12
Philips Semiconductors
UM10206
I2C Demonstration Board 2005-1 Quick Start Guide
4.
Hardware description
Figure 2 shows the following items on the hardware:
USB Port: port where the USB cable is plugged into the board.
USB_LINK LED: this green LED will illuminate when the cable is connected between
the PC and the hardware.
remote sensor diode: where the remote sensor diode is plugged into the board to
allow the SA56004E temperature sensor to monitor the ambient temperature.
microcontroller: a socketed microcontroller is provided to ensure easy service in the
event of damage to the device.
extension connector: this connector is used to connect future daughter cards targeting
specific Philips Semiconductors I2C-bus devices.
Remark: Philips recommends connecting only daughter cards developed and provided by
Philips Semiconductors to the extension connector. Philips Semiconductors is not
responsible for damage caused by other target cards.
Fig 2.
I2C Demonstration Board 2005-1
Microcontroller
Remote Sensor Diode
USB Port
USB Link Indicator
Expansion Connector


Similar Part No. - UM10206

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UM10204 NXP-UM10204 Datasheet
1Mb / 64P
   I2C-bus specification and user manual
Rev. 4-13 February 2012
More results

Similar Description - UM10206

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
   Quick start guide for the STR9 dongle demonstration board
logo
Linear Integrated Syste...
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
   QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
Vishay Siliconix
SI4707-B-EVB VISHAY-SI4707-B-EVB Datasheet
104Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
Rev. 0.1 4/08
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
   Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
logo
Silicon Laboratories
AN235 SILABS-AN235 Datasheet
999Kb / 2P
   EVALUATION BOARD QUICK-START GUIDE
logo
Connor-Winfield Corpora...
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com