Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW04-154 Datasheet(PDF) 4 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BZW04-154
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BZW04-154 Datasheet(HTML) 4 Page - Shenzhen Taychipst Electronic Co., Ltd

  BZW04-154 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-154 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-154 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-154 Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 of 4
5.8V-376V
40A
BZW04P-5V8 THRU BZW04-376
RATINGS AND CHARACTERISTIC CURVES
BYW04P-5V8 THRU BZW04-376
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Transient Voltage Suppressors
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
Figure 3. Pulse Waveform
100
10
1
0.1
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
0.1
1
10
100
1000
10 000
td - Pulse Width (µs)
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
0
1.0
2.0
3.0
4.0
0
50
100
150
t
d
t - Time (ms)
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
10/1000 µs Waveform
as defined by R.E.A.
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
Decays to 50 % of I
PPM
Figure 4. Typical Junction Capacitance
Figure 5. Power Derating Curve
Figure 6. Max. Non-Repetitive Forward Surge Current
Uni-Directional Only
10
100
1000
10 000
1
10
100
1000
Measured at
Zero Bias
Measured at Stand-Off
Voltage V
WM
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
VBR - Breakdown Voltage (V)
TL - Lead Temperature (°C)
60 Hz
Resistive or
Inductive Load
100
75
50
25
0
0
25
50
75
100
125
150
175
200
L = 0.375" (9.5 mm)
Lead Lengths
1
10
100
10
100
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave


Similar Part No. - BZW04-154

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-154 STMICROELECTRONICS-BZW04-154 Datasheet
130Kb / 6P
   TRANSIL
logo
Shenzhen Taychipst Elec...
BZW04-154 TAYCHIPST-BZW04-154 Datasheet
3Mb / 3P
   Voltage regulator dides
logo
EIC discrete Semiconduc...
BZW04-154 EIC-BZW04-154 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
BZW04-154 LUGUANG-BZW04-154 Datasheet
189Kb / 4P
   Transient Voltage Suppressor
logo
General Semiconductor
BZW04-154 GE-BZW04-154 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW04-154

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com